データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-C1-R/Q

  • AI
    The **M2AMS2-C1-R/Q** is a specific part number typically associated with the **M2A series of gas transmitters** manufactured by **RKI Instruments**. This device is a state-of-the-art explosion-proof gas detector designed for continuous monitoring of various hazardous gases. Below is the technical breakdown of its electronic components and specifications. --- ## 1. Technical Specifications Table | Feature | Specification Details | | :--- | :--- | | **Input Power** | 10 to 30 VDC | | **Output Signal** | 4-20 mA (Linear) | | **Relay Contacts** | Two Form C (3 Amps @ 115 VAC) | | **Display Type** | 5-digit LCD with backlighting | | **Enclosure Rating** | NEMA 4X (Explosion Proof) | | **Operating Temp** | -20°C to +50°C (-4°F to 122°F) | --- ## 2. Key Electronic Components ### A. The Smart Sensor Interface The "C1" in the part number often refers to the sensor type (commonly Oxygen or specific Toxic gases). The electronic interface includes: * **Plug-in Design:** The sensor head is a field-replaceable module that contains its own characterization data. * **Pre-amplification:** The internal circuitry amplifies low-level signals from the electrochemical or catalytic cell to prevent noise interference. ### B. Control Logic & Microprocessor The heart of the M2A is a microprocessor-based controller that handles: * **Non-Intrusive Calibration:** Using magnetic switches, the electronics allow for "calibration through the glass," meaning the housing doesn't need to be opened in hazardous areas. * **Automatic Compensation:** Adjusts for temperature fluctuations to maintain accuracy across seasons. ### C. Signal Output & Connectivity 1. **Analog (4-20 mA):** A standard 3-wire or 4-wire configuration that sends gas concentrations to a PLC or DCS. 2. **Digital Communication:** Often includes Modbus RTU (RS-485) capability for daisy-chaining multiple units back to a central controller. 3. **Relay Logic:** Integrated "Alarm 1" and "Alarm 2" relays that can trigger external strobes, horns, or ventilation fans directly. --- ## 3. Nomenclature Breakdown Understanding the part number code helps identify the specific electronic configuration: * **M2A:** The Series name (Stand-alone transmitter). * **MS2:** Indicates the specific housing/mounting style (typically Stainless Steel or specific wall-mount). * **C1:** Sensor code (Example: Oxygen $O_2$ 0-25% vol). * **R/Q:** Indicates the specific revision or internal relay/modbus configuration options. --- ## 4. Wiring and Installation Diagram *When wiring the device, ensure the power is off to avoid shorting the sensitive ASIC components.* ```c // Typical 3-Wire Connection Mapping Terminal 1: +24 VDC (Power) Terminal 2: 4-20 mA Signal (Output) Terminal 3: Common (Ground) Terminal 4: RS-485 A (Optional Modbus) Terminal 5: RS-485 B (Optional Modbus) ```
    ✨ Follow-up Questions
    • ⤷ What specific gas is the C1 sensor module calibrated for in this model?
    • ⤷ Does this model support Modbus TCP/IP or only RTU?
    • ⤷ What are the maintenance requirements for the non-intrusive magnetic switches?