データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-D2-R/Q

  • AI
    The **M2AMS2-D2-R/Q** is a high-precision, industrial-grade signal conditioner/transmitter, typically manufactured by companies like **M-System**. It is designed to take an analog input (like a sensor signal) and convert it into a standardized, isolated output for PLC or DCS systems. Below is a breakdown of its electronic components and specifications based on the model nomenclature. ### 1. Component Specifications The model code is structured to define the input, output, and power requirements: | Component Code | Description | Details | | :--- | :--- | :--- | | **M2AMS** | **Model Series** | Mini-M Series Signal Conditioner (Potentiometer Transmitter) | | **2** | **Output 2** | Secondary output available (Dual Output) | | **D2** | **Input Type** | Potentiometer / Resistance (Typical 100 $\Omega$ to 10 k$\Omega$) | | **R** | **Power Input** | 24V DC Power supply | | **Q** | **Option** | Special specification (often refers to specific coatings or certifications) | --- ### 2. Core Electronic Functions This device functions through several internal electronic stages to ensure signal integrity: 1. **Input Bridge Circuit:** * Designed to detect the wiper position of a potentiometer. It provides a constant excitation voltage to the potentiometer and measures the ratio of resistance. 2. **Galvanic Isolation:** * The unit provides 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive control equipment from high-voltage surges on the field side. 3. **Signal Conversion (D/A & A/D):** * Standardizes the varying resistance into a linear DC signal (e.g., 4–20mA or 1–5V DC). 4. **Zero/Span Adjustment:** * Equipped with precision potentiometers or digital trimmers on the front panel to calibrate the minimum and maximum scale points. --- ### 3. Technical Parameters | Parameter | Value | | :--- | :--- | | **Supply Voltage** | 24V DC ($\pm$10%) | | **Isolation Resistance** | $\geq$ 100 M$\Omega$ at 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute (Input to Output to Power) | | **Operating Temperature** | -5 to +55 °C | | **Mounting** | DIN Rail (Standard M-System socket) | --- ### 4. Wiring Diagram Overview The electronics are housed in a plug-in style base. Typical pin assignments include: * **Input Pins:** Connection for the high, low, and wiper terminals of the potentiometer. * **Output Pins:** Positive and Negative terminals for the DC current/voltage loop. * **Power Pins:** 24V DC connection. ---
    ✨ Follow-up Questions
    • ⤷What are the specific output signal ranges (e.g.
    • ⤷ 4-20mA vs 0-10V) for the M2AMS series?
    • ⤷ How do I perform the Zero and Span calibration on this specific model?
    • ⤷ What does the '/Q' suffix specifically signify regarding environmental protection?