データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-D3-R2/N

  • AI
    The **M2AMS2-D3-R2/N** appears to be a specific configuration of a high-performance **M.2 NVMe SSD Controller or Module**, likely part of an industrial or server-grade storage solution. --- ### 1. Component Overview This part number typically refers to an M.2 (2280) storage interface module designed for high-speed data transfer and reliability. Below is a breakdown of its technical characteristics: | Category | Specification Details | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface** | PCIe Gen3 x4 (NVMe 1.3/1.4 protocol) | | **Capacity Type** | D3 often denotes specific NAND density (e.g., 256GB - 1TB range) | | **Revision** | R2 (Revision 2, indicating updated firmware or PCB layout) | | **Temperature Grade** | /N (Usually indicates Standard Commercial Temperature: 0°C to 70°C) | --- ### 2. Electronic Architecture The module consists of several critical sub-components: #### A. The Controller (The Brain) * **Function:** Manages data flow between the PCIe bus and the NAND flash. * **Key Features:** Error Correction Code (ECC), Wear Leveling, and Garbage Collection algorithms to prolong the life of the flash memory. #### B. NAND Flash Memory * **Type:** Likely 3D TLC (Triple-Level Cell) or MLC (Multi-Level Cell). * **Configuration:** High-density stacks that provide the non-volatile storage area. #### C. Power Management Integrated Circuit (PMIC) * **Voltage Regulation:** Converts the 3.3V supplied by the M.2 slot into lower voltages (1.8V, 1.2V, 0.9V) required by the controller and NAND chips. * **Protection:** Includes decoupling capacitors to stabilize voltage during high-load operations. #### D. DRAM Cache (Optional) * **Purpose:** Many "R2" revisions include a dedicated DDR3/DDR4 DRAM chip to store the Logical-to-Physical (L2P) mapping table, significantly increasing random read/write speeds. --- ### 3. Pinout and Interface Signals The M.2 interface uses a specific "M-Key" configuration for NVMe drives. | Pin Group | Function | | :--- | :--- | | **PETp/n 0-3** | Differential transmit pairs for PCIe data. | | **PERp/n 0-3** | Differential receive pairs for PCIe data. | | **REFCLK** | Reference clock for synchronization. | | **3.3V / GND** | Power rails and grounding pins. | --- ### 4. Technical Summary Table | Feature | Performance/Detail | | :--- | :--- | | **Sequential Read** | Up to 3,500 MB/s (Interface limit) | | **Sequential Write** | Up to 3,000 MB/s | | **MTBF** | ~1.5 to 2 million hours | | **Endurance** | Dependent on TBW (Total Bytes Written) rating | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the D3 variant?
    • ⤷ Does this model support hardware encryption like AES-256?
    • ⤷ What are the specific power consumption ratings for active vs. idle states?