データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-D4-R2/CE

  • AI
    The **M2AMS2-D4-R2/CE** is a specific part number for an industrial-grade **Signal Conditioner** (specifically a slim-type isolator or transmitter) manufactured by **M-System**. These devices are primarily used in automation and process control to convert, isolate, and transmit electrical signals between field sensors and control systems (like a PLC or DCS). --- ### 1. Part Number Breakdown To understand the electronic components and capabilities, we must decode the model suffix: | Segment | Code | Description | | :--- | :--- | :--- | | **Model** | **M2AMS** | Slim-type Signal Conditioner (Output Loop Powered) | | **Input** | **2** | 4 – 20 mA DC | | **Output** | **D4** | 4 – 20 mA DC (Isolated) | | **Power Input** | **R2** | 11 – 27 V DC (Operational voltage) | | **Standards** | **CE** | Compliant with European Safety & EMC standards | --- ### 2. Key Technical Specifications The electronics inside this unit are designed for precision and high galvanic isolation. * **Input Impedance:** Approximately 250 Ω (for the 4-20mA input). * **Response Time:** ≤ 0.5 seconds (0 to 90%). * **Isolation Structure:** 2-way isolation (Input to Output/Power). * **Dielectric Strength:** 2000V AC @ 1 minute (Input to output to ground). * **Accuracy:** ±0.1% of span. * **Temperature Coefficient:** ±0.015%/°C (±0.008%/°F). --- ### 3. Electronic Architecture & Components Inside the housing, the M2AMS2-D4-R2 utilizes several critical electronic stages: #### A. Input Conditioning Stage This section features high-precision **shunt resistors** to convert the current signal into a voltage signal. It includes surge protection components (Zener diodes or MOV) to protect against spikes on the field side. #### B. Galvanic Isolation (The Core) To prevent ground loops and protect the control system, the device uses **Optical or Transformer coupling**. * It converts the electrical signal into light or a high-frequency magnetic field. * The signal is then reconstructed on the "safe" side of the circuit. #### C. Output Drive Circuit An operational amplifier (Op-Amp) based circuit ensures the output remains a constant current (4-20mA) regardless of the load resistance (up to a specific limit, usually 350-600Ω). #### D. Power Management The **R2** designation indicates a DC power supply requirement. Internally, a DC-DC converter regulates the 11-27V input to stable internal voltages for the analog circuitry. --- ### 4. Connection Diagram (Reference) | Terminal | Function | Description | | :--- | :--- | :--- | | **1 & 2** | Output | 4 - 20 mA DC | | **4 & 5** | Power Supply | 24V DC (typical) | | **7 & 8** | Input | 4 - 20 mA DC from Source | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the M2AMS2-D4-R2 output?
    • ⤷ How does galvanic isolation prevent ground loops in industrial environments?
    • ⤷ What are the mounting requirements for the M2AMS series housing?