データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-DA-R/CE

  • AI
    The **M2AMS2-DA-R/CE** is a high-performance **Programmable Multi-Function Signal Conditioner** from the M2 Series, manufactured by M-System (now MG CO., LTD.). This device is primarily used in industrial automation to convert, isolate, and scale analog signals. --- ## Technical Specifications The "R/CE" suffix indicates specific power requirements and compliance standards (24V DC power and CE marking). | Feature | Specification | | :--- | :--- | | **Model Type** | Multi-Function Signal Conditioner (Plug-in) | | **Input Signal** | Programmable (DC Voltage/Current, Thermocouple, RTD, etc.) | | **Output Signal** | DC Current or Voltage (Isolated) | | **Power Input** | 24V DC (indicated by "R") | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Accuracy** | ±0.1% (depends on range) | | **Standards** | CE Marking (indicated by "CE") | --- ## Key Electronic Components & Features ### 1. Microprocessor-Based Design Unlike fixed analog transducers, this unit uses an internal microprocessor. This allows the user to configure input types, ranges, and output characteristics via a PC or a hand-held programmer. ### 2. 3-Way Isolation This is a critical electronic feature. The device maintains electrical separation between: * **Input Circuit:** Protects the controller from field surges. * **Output Circuit:** Prevents ground loops between the conditioner and the PLC/DCS. * **Power Supply:** Ensures noise on the power line does not affect signal integrity. ### 3. Digital-to-Analog (D/A) Conversion The "DA" in the part number signifies the conversion process where the processed digital value (from the sensor input) is converted back into a precise, linear analog signal (e.g., 4-20mA or 0-10V) for use by control systems. ### 4. User-Configurable Input The electronic front-end is versatile. Depending on the specific sub-model configuration, it can handle: * **Current/Voltage:** Shunt resistors and operational amplifiers process the level. * **Temperature:** Internal cold-junction compensation (for thermocouples) or constant current excitation (for RTDs). --- ## Application Diagram (Signal Flow) ```mermaid graph LR A[Sensor Input] --> B[Input Processing/Filtering] B --> C[Microprocessor/Scaling] C --> D[Optical Isolation] D --> E[D/A Converter] E --> F[Analog Output 4-20mA/0-10V] G[24V DC Power] --> B G --> E ``` --- ## Installation & Maintenance * **Plug-in Base:** The electronics are housed in a module that plugs into a pre-wired base, allowing for "hot-swapping" or easy replacement without disturbing the wiring. * **Status Indicator:** Usually features a front-facing LED to indicate power status or error conditions (e.g., input burnout).
    ✨ Follow-up Questions
    • ⤷ What software is required to program the M2AMS2-DA-R/CE?
    • ⤷ Can this module be used for hazardous area applications?
    • ⤷ What is the difference between the R and K power options for this series?