データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-DD-R/N

  • AI
    ## Analysis of the M2AMS2-DD-R/N The **M2AMS2-DD-R/N** is a specific model within the **M2AMS series** of ultra-slim signal conditioners (transmitters) manufactured by **M-System**. These devices are designed to receive a DC input signal and provide an isolated DC output, often used for signal isolation, conversion, and amplification in industrial automation. --- ### 1. Model Code Breakdown Understanding the electronic capabilities requires decoding the model suffix: | Code Segment | Description | Details | | :--- | :--- | :--- | | **M2AMS2** | Base Model | Ultra-slim Signal Conditioner (Dual Output) | | **-D** | Input Signal | DC Input (Configurable or specific ranges) | | **-D** | Output 1 | 4 – 20 mA DC | | **-R** | Power Input | 24V DC | | **-N** | Compliance/Options | No CE marking (standard industrial spec) | --- ### 2. Key Electronic Specifications The internal circuitry is designed for high-density mounting and electrical isolation between the power supply, input, and output. * **Input Impedance:** Typically $\ge 1$ MΩ for voltage inputs or $250$ Ω for current inputs. * **Output Load Resistance:** Maximum $550$ Ω for the 4-20mA loop. * **Isolation:** 3-way isolation (Input to Output to Power). * **Isolation Resistance:** 100 MΩ minimum at 500V DC. * **Dielectric Strength:** 2000V AC @ 1 minute. * **Response Time:** $\le 0.5$ seconds (0 – 90%). --- ### 3. Electronic Components & Physical Layout The device utilizes a compact, rail-mounted housing. Below are the primary electronic sections: #### Power Supply Section * **Voltage:** 24V DC ($\pm 10\%$). * **Current Consumption:** Approx. 80 mA. * **Protection:** Includes reverse polarity protection and surge suppression. #### Signal Conditioning Circuitry 1. **Input Stage:** Uses high-precision operational amplifiers to scale the incoming DC signal. 2. **Galvanic Isolation:** Employs optoisolators or transformer-based isolation to prevent ground loops and protect sensitive PLC/DCS inputs from high-voltage spikes. 3. **Output Stage:** A constant-current circuit (for the -D output) ensures a stable 4-20mA signal regardless of variations in the load resistance (up to 550Ω). --- ### 4. Installation and Wiring The unit is designed for **DIN rail mounting**. | Terminal | Function | | :--- | :--- | | **1 & 2** | Output 1 (+ / -) | | **3 & 4** | Output 2 (+ / -) | | **5 & 6** | Input (+ / -) | | **7 & 8** | Power Supply (24V DC) | ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the M2AMS and the M2AS series?
    • ⤷ Can this model be adjusted for zero and span calibration manually?
    • ⤷ What are the environmental temperature limits for this specific component?