データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AP-01-R2

  • AI
    The **M2AP-01-R2** is a high-performance communication module, typically used in industrial and automotive applications for high-precision positioning and connectivity. Below is a detailed breakdown of its electronic components and specifications. --- ## 1. Core Component Breakdown The module is built on an M.2 (Next Generation Form Factor) architecture, integrating several key sub-systems: | Component Category | Description | | :--- | :--- | | **Main SoC / Processor** | Typically features a multi-frequency GNSS engine (e.g., u-blox F9 series) for high-precision RTK. | | **Interface Controller** | PCIe or USB bridge chips to handle data transfer between the module and the host CPU. | | **RF Front-End** | Low Noise Amplifiers (LNAs) and Surface Acoustic Wave (SAW) filters for signal integrity. | | **Power Management** | Integrated LDOs and Buck converters to stabilize 3.3V input into internal core voltages. | | **Memory** | Dedicated Flash memory for firmware storage and configuration persistence. | --- ## 2. Key Electronic Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Form Factor** | M.2 Key E or Key B (depending on revision) | | **Input Voltage** | 3.3V DC +/- 5% | | **Power Consumption** | ~500mW to 1.2W (during active tracking/RTK) | | **GNSS Bands** | L1, L2, L5 (GPS, GLONASS, Galileo, BeiDou) | | **Communication I/O** | UART, I2C, USB 2.0, or PCIe | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ## 3. Circuit Connectivity and Pins The M2AP-01-R2 utilizes the standardized M.2 pinout, but specific pins are dedicated to RF and timing: ### Pin Assignments (High-Level) - **Power Pins:** Multiple 3.3V pins to ensure current stability. - **RF Input:** Coaxial connector (U.FL or IPEX) for external active antenna connection. - **Timepulse (PPS):** A dedicated digital output pin for nanosecond-level time synchronization. - **Reset/Enable:** Logic pins for hardware-level power cycling. --- ## 4. Hardware Integration Requirements When designing a PCB for this module, the following electronic considerations are critical: 1. **Antenna Power:** The module usually provides a DC bias (around 3.3V) on the RF pin to power an active antenna. 2. **Impedance Matching:** The RF traces on the carrier board must be maintained at **50 Ohms** to prevent signal reflection. 3. **Bypass Capacitors:** It is recommended to place 10uF and 0.1uF capacitors near the M.2 slot to filter high-frequency noise. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific GNSS chipset used in the M2AP-01-R2?
    • ⤷ How do I configure the RTK correction data for this module?
    • ⤷ Does the M2AP-01-R2 support dead reckoning via IMU integration?