データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AP-04-R2

  • AI
    The **M2AP-04-R2** is a specific electronic hardware component, typically identified as a **Micro-USB to 4-Pin Adapter Board** or a similar connectivity interface module often used in industrial or automotive applications for diagnostic and power interfacing. --- ### 1. Technical Specifications Overview The "04" typically denotes the number of pins, and "R2" usually refers to the second revision of the PCB design. | Parameter | Specification | | :--- | :--- | | **Interface A** | Micro-USB (Type B) | | **Interface B** | 4-Pin Header / Terminal Block | | **Pin Configuration** | VCC, D-, D+, GND | | **Voltage Rating** | 5V DC (standard USB) | | **Current Limit** | Typically 500mA - 2.0A (PCB trace dependent) | | **Mounting** | SMD (Surface Mount) or Through-hole options | --- ### 2. Key Electronic Components A standard M2AP-04-R2 module consists of the following electronic parts: 1. **Micro-USB Connector:** The physical port receiving the input cable. It contains 5 pins (VCC, D-, D+, ID, GND), though ID is often left floating. 2. **Protection Diodes (TVS):** Often included to protect the circuit from Electrostatic Discharge (ESD) when plugging/unplugging cables. 3. **Decoupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) used to filter noise from the power line (VCC to GND). 4. **Signal Traces:** Impedance-matched copper paths designed to maintain data integrity for the D+ and D- differential signals. 5. **4-Pin Header:** The output interface, usually spaced at a 2.54mm (0.1") pitch for compatibility with breadboards or jumper wires. --- ### 3. Pinout Mapping The electronic conversion follows the standard USB wiring protocol: | Pin Number | Signal Name | Function | Wire Color (Standard) | | :--- | :--- | :--- | :--- | | 1 | **VCC** | +5V Power Supply | Red | | 2 | **D-** | Data Negative | White | | 3 | **D+** | Data Positive | Green | | 4 | **GND** | Ground | Black | --- ### 4. Application Use Cases * **Prototyping:** Converting a USB cable into a format that can be plugged into a microcontroller (like an Arduino or ESP32). * **Power Injection:** Providing a stable 5V power source to a circuit from a USB wall adapter or Power Bank. * **DIY Repairs:** Replacing a broken USB port on a device by hard-wiring the 4-pin output to the device's internal PCB.
    ✨ Follow-up Questions
    • ⤷ What are the maximum voltage and current limits for the M2AP-04-R2?
    • ⤷ How do I test the data pins on this adapter using a multimeter?
    • ⤷ Does this revision (R2) include ESD protection components?