データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AP-34-R

  • AI
    ### M2AP-34-R: Overview and Technical Specifications The **M2AP-34-R** is a specific electronic component, typically categorized as a **Ribbon Cable Connector** or a **Header/Socket** assembly used in internal electronic wiring. It is designed to provide high-density connections between printed circuit boards (PCBs) or between a PCB and a peripheral device. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Number of Positions** | 34 Pins | | **Pitch (Spacing)** | 2.54mm (0.1 inch) or 2.00mm (depends on specific series) | | **Mounting Type** | Through-hole or IDC (Insulation Displacement Connector) | | **Contact Material** | Phosphor Bronze or Brass | | **Plating** | Tin or Gold Flash | | **Current Rating** | ~1A to 3A per contact | | **Voltage Rating** | 250V AC/DC | --- ### 2. Component Structure The "M2AP" series generally refers to a standard dual-row configuration. Here is a breakdown of its physical parts: * **Housing:** Made of high-temperature thermoplastic (UL94V-0 rated). It acts as an insulator and provides the structural frame for the pins. * **Contacts/Pins:** These are the conductive elements. In the "-R" variant (Right Angle), the pins are bent at a 90-degree angle to allow the cable to sit parallel to the PCB. * **Polarization Key:** A small notch or "bump" in the center of the housing to prevent the cable from being plugged in backwards (reverse polarity protection). * **Strain Relief (Optional):** Many 34-pin connectors include a clip that secures the ribbon cable to prevent it from snapping off during vibration. --- ### 3. Common Applications The 34-pin configuration is a legacy standard but remains highly relevant in specific industrial and computing sectors: 1. **Floppy Disk Drive (FDD) Interfaces:** Historically, 34-pin connectors were the standard for 3.5-inch floppy drives. 2. **Industrial PLC Control:** Used for signal transmission between a Programmable Logic Controller and I/O modules. 3. **CNC Machinery:** Often used to connect control boards to motor drivers or limit switches. 4. **Embedded Systems:** Provides a clean interface for GPIO (General Purpose Input/Output) headers. --- ### 4. Wiring Diagram Representation ```text Pin 1 [ . . ] Pin 2 Pin 3 [ . . ] Pin 4 ... [ . . ] ... Pin 33 [ . . ] Pin 34 (Polarization Notch) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M2AP-34-R and the straight-pin M2AP-34 version?
    • ⤷ Is this connector compatible with standard IDC flat ribbon cables?
    • ⤷ What are the soldering temperature requirements for the M2AP series?