データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AP-44-R2

  • AI
    The **M2AP-44-R2** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) Inductor** or a magnetic component often used in power management and signal filtering circuits. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The part number follows a standard convention for power inductors. Here are the typical specifications associated with this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.44 µH (indicated by the "44" code) | | **Tolerance** | ±20% | | **Current Rating (Isat)** | High Saturation Current (typically >10A depending on package) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Construction** | Shielded Magnetic Core | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Electronic Components & Features ### A. Magnetic Core Material The "M2" prefix often refers to the core composition, usually a **Metal Alloy or Composite Powder**. This material is preferred over traditional ferrite because: * **Soft Saturation:** It handles current spikes better without a sharp drop in inductance. * **High Efficiency:** It reduces core losses at high switching frequencies. ### B. Shielding Mechanism The "AP" designation typically implies a shielded or molded construction. This is critical for: * **EMI Reduction:** Prevents magnetic flux from interfering with neighboring components on the PCB. * **Physical Durability:** The molded body protects the internal copper winding from moisture and mechanical stress. ### C. Termination and Lead Frame The "R2" suffix usually denotes the packaging style (such as Tape and Reel) or a specific revision of the lead-frame plating (often RoHS compliant Matte Tin). --- ## 3. Applications in Circuitry The M2AP-44-R2 is commonly found in the following electronic environments: 1. **DC-DC Converters:** Used as the main energy storage element in buck or boost regulators. 2. **Voltage Regulator Modules (VRM):** Found on motherboards and GPU power phases due to high current handling. 3. **Noise Filtering:** Acts as a low-pass filter to smooth out ripples in power supply lines. 4. **Consumer Electronics:** High-density power circuits in laptops, tablets, and smartphones. --- ## 4. Layout Considerations When designing a PCB for this part, engineers must focus on: * **Thermal Vias:** Since high current generates heat, a large copper plane should be connected to the pads. * **Proximity:** Place it as close as possible to the switching IC to minimize the "noisy" current loop. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current (Isat) for the M2AP-44-R2?
    • ⤷ How does a metal composite inductor differ from a standard ferrite inductor?
    • ⤷ Are there specific footprint recommendations for soldering this component?