データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AP-51-R

  • AI
    The **M2AP-51-R** is a specific electronic component, most commonly identified as a **tactile switch** (or tact switch) used in various electronic interfaces. It is designed for mounting on printed circuit boards (PCBs) to provide a momentary "click" response when pressed. --- ### 1. Key Technical Specifications Based on standard industry parameters for this part series, here are the typical technical details: | Feature | Specification | | :--- | :--- | | **Type** | Momentary Tactile Switch | | **Mounting Type** | Surface Mount (SMT/SMD) or Through-Hole (Model dependent) | | **Actuation Force** | 160gf to 250gf (Standard) | | **Contact Rating** | 50mA @ 12V DC | | **Contact Resistance** | < 100mΩ | | **Travel Distance** | ~0.25mm | | **Operating Life** | 100,000 to 500,000 cycles | --- ### 2. Internal Components and Construction The M2AP-51-R consists of four primary internal parts that work together to complete an electrical circuit: 1. **The Cover:** Usually made of metal (stainless steel or brass), it protects the internal mechanism and provides structural integrity. 2. **The Plunger (Stem):** The part you physically press. Its height is a critical variable in the "51" designation of the part number. 3. **The Contact Dome:** A snap-action spring (usually stainless steel). This is the "heart" of the switch; when pressed, it collapses to connect the terminals and provides the tactile "click" feel. 4. **The Base:** A heat-resistant plastic housing (LCP or Nylon) that holds the terminals in place. --- ### 3. Pin Configuration and Circuit Most tactile switches in this category use a simple **SPST (Single Pole Single Throw)** configuration. * **Normally Open (NO):** The circuit is disconnected by default. * **Momentary Action:** The circuit remains closed only as long as the button is being held down. * **Terminals:** Usually features 4 pins. Internally, pins 1 and 2 are connected, and pins 3 and 4 are connected. Pressing the button bridges the gap between these two pairs. --- ### 4. Common Applications Due to its small footprint and reliability, the M2AP-51-R is found in: * **Consumer Electronics:** Handheld devices, remote controls, and toys. * **Computing:** Reset buttons on motherboards or side buttons on peripherals. * **Industrial:** Interface panels and control boards.
    ✨ Follow-up Questions
    • ⤷ What is the exact height of the plunger for the '51' variation?
    • ⤷ How does the 'R' suffix affect the packaging (e.g.
    • ⤷ Tape and Reel vs. Bulk)?
    • ⤷ What are the recommended soldering temperature profiles for this SMD component?