データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AP-A2-R/UL

  • AI
    The **M2AP-A2-R/UL** is a high-performance **Transducer/Signal Conditioner** manufactured by **M-System** (now part of MG CO., LTD). It is primarily designed to convert an AC current input into a standard DC output signal, typically for industrial monitoring and control systems. --- ### ## 1. Technical Specifications Below are the core electronic specifications for the M2AP-A2-R/UL model: | Feature | Specification | | :--- | :--- | | **Model Series** | M2 Series (Plug-in Signal Conditioners) | | **Input Type** | AC Current (0 – 1 A AC or 0 – 5 A AC) | | **Output Type** | 4 – 20 mA DC (Current Loop) | | **Power Supply** | 24V DC | | **Accuracy** | ±0.3% | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Standard/Safety** | UL recognized, CE marking | --- ### ## 2. Detailed Component Breakdown #### ### Input Section (AC Current) The "A" in the model code typically signifies the input capability. This part is designed to interface with **Current Transformers (CTs)**. It converts the magnetic field generated by the AC current into a low-level signal that the internal circuitry can process. #### ### Isolation Barrier One of the most critical electronic features is the **2000V AC isolation**. This is achieved using optoisolators or transformer-based isolation. It protects the PLC/DCS (on the output side) from high-voltage surges or ground loops occurring on the motor or power line side. #### ### Output Section (DC Signal) The "2" in the suffix usually denotes a 4-20mA DC output. This is a "source" output, meaning the device provides the power for the current loop to drive indicators, recorders, or PLC analog input cards. #### ### Power Supply (R) The "**R**" designation indicates the power requirement: * **R:** 24V DC power. * **UL:** Indicates the unit meets Underwriters Laboratories safety standards for the US and Canada. --- ### ## 3. Application Use Case These parts are commonly found in: 1. **Motor Load Monitoring:** Measuring the current draw of an industrial motor to detect overloads. 2. **Power Management:** Converting high-amperage AC lines into 4-20mA signals for remote SCADA monitoring. 3. **Efficiency Analysis:** Tracking energy consumption trends in factory automation. --- ### ## 4. Wiring Diagram Overview * **Pins 1 & 2:** AC Input (from CT). * **Pins 4 & 5:** DC Output (4-20mA). * **Pins 7 & 8:** 24V DC Power Input.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the M2 series?
    • ⤷ How do I calibrate the Zero and Span on this transducer?
    • ⤷ Can this model be used with 110V AC power instead of 24V DC?