データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AP-A4-R/N

  • AI
    The **M2AP-A4-R/N** is a specific model of an **M2 Series Power Transducer** (specifically a Signal Conditioner or Transmitter) manufactured by **M-System**. These devices are used in industrial automation to convert alternating current (AC) power parameters into a standard DC signal for PLC or DCS input. ### Product Breakdown The model number identifies specific electrical and physical characteristics: | Code Segment | Description | Details | | :--- | :--- | :--- | | **M2AP** | Series/Function | AC Power Transducer (Single-phase, 2-wire) | | **A4** | Input Type | 4 to 20 mA AC (Current Input) | | **R** | Power Input | 24V DC | | **N** | Output | No secondary output / Standard configuration | --- ### Core Electronic Components The internal architecture of the M2AP typically consists of the following electronic stages: #### 1. Input Conditioning Stage * **Isolation Transformer:** Provides galvanic isolation between the high-current input and the low-voltage processing circuitry. * **Shunt Resistor:** Converts the incoming AC current into a proportional AC voltage. #### 2. Processing Stage (RMS Converter) * **True RMS-to-DC Converter:** Unlike basic rectifiers, these units use integrated circuits (ICs) to calculate the "True Root Mean Square" value. This allows the device to remain accurate even if the input waveform is distorted or contains harmonics. * **Operational Amplifiers (Op-Amps):** Used for scaling and filtering the signal to remove high-frequency noise. #### 3. Output Stage * **Voltage-to-Current Converter:** Converts the processed signal into a standardized **4–20 mA DC** loop. * **Optical Isolator (Optocoupler):** Provides secondary isolation between the internal processing circuit and the DC output terminals to prevent ground loops. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Accuracy** | ±0.3% to ±0.5% of span | | **Insulation Resistance** | 100 MΩ or more with 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute (Input to output to power to ground) | | **Operating Temperature** | -5 to +55°C (23 to 131°F) | --- ### Terminal Connections (Typical) 1. **Input (Terminals 1 & 2):** Connects to the AC current source (usually via a Current Transformer/CT). 2. **Output (Terminals 4 & 5):** Provides the 4–20 mA DC signal to the controller. 3. **Power (Terminals 7 & 8):** Connects to the 24V DC power supply.
    ✨ Follow-up Questions
    • ⤷ How do I wire this transducer to a Current Transformer (CT)?
    • ⤷ What is the difference between RMS and average-sensing transducers?
    • ⤷ How do I calibrate the zero and span on the M2AP?