データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AP-D2-R

  • AI
    The **M2AP-D2-R** is a specific model within the series of Industrial Slim-style Limit Switches or Position Sensors, commonly used in automation and manufacturing machinery. Below is an explanation of its electronic components and technical specifications. --- ## 1. Core Technical Specifications The "M2AP" series typically refers to a snap-action limit switch with a specific actuator and contact configuration. | Parameter | Specification | | :--- | :--- | | **Contact Form** | 1NO (Normally Open) + 1NC (Normally Closed) | | **Switching Mechanism** | Snap-Action (Quick-make, quick-break) | | **Rated Voltage** | 250V AC / 125V DC (General limits) | | **Current Rating** | 5A to 10A (Depending on load type) | | **Ingress Protection** | IP65/IP67 (Dust tight and water-resistant) | | **Termination** | Screw terminals or Pre-wired (model dependent) | --- ## 2. Electronic Components & Internal Structure ### A. Contact Block The heart of the M2AP-D2-R is the **Bifurcated Contact System**. * **Silver Alloy Contacts:** Used to ensure high conductivity and resistance to electrical arcing. * **Snap-Action Spring:** A high-tension beryllium copper spring that ensures the contacts switch instantly regardless of the speed of the physical actuator. This prevents "teasing" the contact and reduces electrical pitting. ### B. The Actuator (D2 Suffix) The "D2" in the part number usually signifies the **Roller Plunger** type. * **Material:** Hardened stainless steel or high-strength plastic. * **Function:** It converts linear mechanical force into vertical movement to trigger the internal switch. The roller allows for "cam" operation, meaning a moving part can slide over it from the side. ### C. Housing and Insulation * **Die-cast Aluminum or Reinforced Plastic:** Provides a Faraday cage effect (if metal) to reduce EMI and protects the internals from mechanical impact. * **Internal Insulators:** High-grade Polycarbonate or Phenolic resin to prevent short-circuiting between the terminals and the outer shell. --- ## 3. Circuit Application The device acts as a **SPDT (Single Pole Double Throw)** switch. It is electronically integrated into systems in two primary ways: 1. **Safety Interlock:** The NC (Normally Closed) contact is wired in series with a motor contactor. When the limit is hit, the circuit opens, cutting power immediately. 2. **Logic Feedback:** The NO (Normally Open) contact is wired to a PLC (Programmable Logic Controller) input. When the switch is triggered, it sends a 24V DC signal to the PLC to indicate "Home Position" or "End of Travel." --- ## 4. Wiring Diagram (Typical) ```text Terminal 1 (COM) ○-------┐ | Terminal 2 (NC) ○-------┴--- [Closed when idle] Terminal 3 (NO) ○----------- [Open when idle] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum mechanical durability (cycles) for the M2AP series?
    • ⤷ How does the 'R' suffix modify the operation of this specific switch?
    • ⤷ What are the recommended wire gauges for the M2AP-D2-R terminals?