データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AP-H4-R2

  • AI
    The **M2AP-H4-R2** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD)** power inductor or a passive filtering component used in automotive and industrial power electronics. Below is a breakdown of its technical characteristics and typical internal construction. ### 1. General Specifications While specific datasheets are proprietary to manufacturers (often associated with brands like Codaca or similar power electronic specialists), the nomenclature generally follows this structure: | Feature | Description | | :--- | :--- | | **Component Type** | Molded Power Inductor | | **Series** | M2AP (High-current, shielded design) | | **Size Code** | H4 (Refers to physical dimensions, e.g., ~4.0mm height/width) | | **Revision/Variant** | R2 (Indicates specific inductance value or design revision) | --- ### 2. Key Electronic Characteristics The "R2" suffix often denotes a low inductance value (e.g., **0.22µH or 2.2µH** depending on the specific manufacturer's coding system). * **High Current Handling:** Designed to manage high saturation currents (Isat) without the magnetic core losing its properties. * **Low DCR (DC Resistance):** Uses flat wire or thick copper windings to minimize power loss and heat generation. * **Magnetic Shielding:** The part is usually "molded," meaning the coil is encased in a metallic powder composite. This reduces Electromagnetic Interference (EMI). * **Operating Temperature:** Typically rated for automotive grades, often ranging from **-55°C to +125°C or +155°C**. --- ### 3. Internal Construction The M2AP series utilizes modern manufacturing techniques to maximize efficiency in small footprints: 1. **Core Material:** Carbonyl iron powder or alloy powder pressed around the coil. 2. **Lead Frame:** Robust T-core or flat-lead construction to ensure high vibration resistance (AEC-Q200 compliant). 3. **Winding:** Often utilizes **Flat Wire** technology which fills the window area more effectively than round wire, reducing the "Proximity Effect" and DC resistance. --- ### 4. Common Applications These parts are found in high-density power modules: * **DC-DC Converters:** Voltage regulation for CPUs and GPUs. * **Automotive Electronics:** ADAS systems, Infotainment, and LED lighting drivers. * **Industrial Power Supplies:** Compact switch-mode power supplies (SMPS). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the R2 variant in this series?
    • ⤷ How does the molded construction of the M2AP compare to traditional wire-wound inductors?
    • ⤷ Is the M2AP-H4-R2 AEC-Q200 qualified for automotive use?