データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AP-Z2-R2/CE

  • AI
    The **M2AP-Z2-R2/CE** is a high-performance **Programmable Multi-Axis Motion Controller** manufactured by **OMRON** (specifically under the Delta Tau lineage). It is part of the Power PMAC (Programmable Multi-Axis Controller) family, designed for high-precision motion control in industrial automation. --- ### ## Technical Specifications Breakdown The following table summarizes the core electronic and functional components of the M2AP-Z2-R2/CE unit: | Feature | Specification Details | | :--- | :--- | | **Processor Type** | PowerPC (High-speed embedded RISC processor) | | **Control Architecture** | Power PMAC (Linux-based Real-Time OS) | | **Axis Support** | Up to 2 Axes of synchronized motion | | **I/O Interface** | Integrated Digital I/O (typically 8 In / 8 Out) | | **Communication** | Ethernet (TCP/IP, UDP), RS-232, and USB | | **Feedback Protocols** | Quadrature Encoder, SSI, Biss-C, EnDat 2.2 | | **Amplifier Interface** | Analog (±10V) or Pulse/Direction | | **Compliance** | CE Certified (European Standards) | --- ### ### Core Electronic Components #### 1. The Processing Core The "brain" of the M2AP is a high-speed processor capable of executing complex kinematic calculations in real-time. It handles: * **Servo Loops:** Updates at rates up to 10-20 kHz. * **Trajectory Generation:** Calculates smooth curves (S-curve, T-curve) for precise positioning. * **PLC Logic:** Runs background logic tasks simultaneously with motion. #### 2. Feedback and Signal Processing This module is equipped with high-resolution analog-to-digital converters (ADCs) and encoder input circuitry. * **Differential Inputs:** Uses RS-422 line drivers to minimize electromagnetic interference (EMI). * **Isolation:** The electronic inputs are typically opto-isolated to protect the internal circuitry from high-voltage spikes on the factory floor. #### 3. Power Regulation The "CE" suffix indicates strict adherence to European electromagnetic compatibility (EMC) standards. Internally, it contains: * **EMI Filtering:** Specialized capacitors and inductors to prevent electrical noise from leaking back into the power grid. * **DC/DC Converters:** Steps down industrial 24V DC input to the internal logic voltages (3.3V, 5V, 1.2V) required by the CPU and FPGAs. --- ### ### Connectivity & Wiring To interface with this part, standard industrial connectors are used. Below is a conceptual representation of the communication pinouts: ```text Pin/Port Type Function ---------------- ----------------------------------- Ethernet (RJ45) Modbus/TCP, EtherNet/IP, Programming RS-232 (DB9) Terminal communication / Debugging Terminal Blocks 24V DC Power Input Feedback D-Sub Encoder A/B/Z Channels & Hall Sensors ``` --- ### ### Key Advantages 1. **High Precision:** Sub-nanometer resolution support depending on the encoder used. 2. **Flexibility:** Can control different motor types (Brushless DC, Stepper, or Induction) through the same hardware. 3. **Real-Time Performance:** The internal hardware is optimized for zero-jitter execution, crucial for high-speed CNC or semiconductor manufacturing. ---
    ✨ Follow-up Questions
    • ⤷What are the specific wiring requirements for the 24V DC power input on this model?
    • ⤷ How does the Power PMAC software interface with the M2AP-Z2-R2/CE hardware?
    • ⤷ Can this controller be expanded to support more than 2 axes?