データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-4111-R2SLASHQ

  • AI
    The part number **M2AS1-4111-R2/Q** refers to a high-precision, industrial-grade **Solid State Relay (SSR)** or a specialized **Magnetic/Proximity Sensor module**, typically manufactured by companies like **Celduc Relais** or associated with specific automation controllers. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications Based on the standard nomenclature for the M2AS series, here are the technical parameters: | Feature | Description | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Interface Module | | **Control Voltage** | 4-32V DC (Typical for "111" logic) | | **Switching Voltage** | 24-280V AC (Standard Mains) | | **Current Rating** | 1A to 4A (depending on heat dissipation) | | **Switching Type** | Zero-Cross Switching (Reduces EMI/RFI) | | **Termination** | PCB Mount or Plug-in Pins | --- ### 2. Breakdown of the Part Number The alphanumeric string defines specific hardware configurations: * **M2AS:** Series identifier (Compact miniature SSR or sensor series). * **1-4:** Power/Current classification (indicates the voltage/ampere range). * **111:** Logic and trigger configuration (Zero-cross detection vs. Instantaneous). * **R2:** Revision 2 or specific resistive load optimization. * **SLASHQ (/Q):** Indicates **Automotive Quality** or **Qualified** industrial testing (often implies enhanced vibration resistance and strict QC). --- ### 3. Key Electronic Features * **Optical Isolation:** Uses an internal LED and phototransistor/triac to ensure the control circuit (low voltage) is electrically isolated from the load circuit (high voltage). * **Zero-Cross Circuitry:** The device waits for the AC sine wave to pass through zero volts before switching "ON." This prevents large current spikes and extends the life of the connected equipment. * **Snubber Network:** Usually contains internal RC (Resistor-Capacitor) protection to handle inductive loads and prevent accidental triggers from voltage transients ($dv/dt$). --- ### 4. Applications These parts are commonly found in the following environments: 1. **Industrial PLC Interfaces:** Acting as the bridge between a logic controller and a motor/heater. 2. **Medical Equipment:** Due to the "Q" qualification, they are used where high reliability and low noise are required. 3. **Temperature Control:** Driving heating elements in PID loops. ---
    ✨ Follow-up Questions
    • What are the specific mounting dimensions for the M2AS1 series?
    • Can this component be used for DC load switching instead of AC?
    • What is the maximum surge current (ITSM) for the R2 variant?