データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-4113-R2/CE

  • AI
    The **M2AS1-4113-R2/CE** is a high-performance industrial industrial core board (System-on-Module) typically associated with ARM-based architectures used in embedded computing, automation, and IoT gateways. --- ### 1. Technical Specifications Overview This module is designed for reliability in industrial environments. Below is a breakdown of its primary electronic characteristics: | Component | Specification Details | | :--- | :--- | | **Processor** | Typically based on an ARM Cortex-A series (often NXP or Rockchip depending on the specific series iteration). | | **RAM** | LPDDR4 / DDR4 (Capacity varies by sub-model, usually 1GB - 4GB). | | **Storage** | Integrated eMMC Flash (typically 8GB to 32GB) + MicroSD support. | | **Power Input** | 3.3V to 5V DC (Stable regulated input required). | | **Form Factor** | SODIMM-style gold finger connector or Board-to-Board (B2B) connectors. | | **Operating Temp** | Industrial Grade (-40°C to +85°C). | --- ### 2. Key Electronic Interfaces The "R2/CE" designation often implies specific revisions for Compliance (CE) and hardware refinements. The electronic pinouts generally support: * **Display Interfaces:** Support for LVDS, MIPI-DSI, or HDMI for industrial HMIs. * **Networking:** Dual Gigabit Ethernet controllers (RGMII). * **Connectivity:** * Multiple UARTs (RS232/RS485 levels). * USB 2.0/3.0 Host and OTG. * I2C and SPI for sensor integration. * CAN Bus (Essential for automotive and industrial automation). * **GPIOs:** Multiple general-purpose I/O pins for custom logic and signaling. --- ### 3. Application Use Cases Because of its rugged design and high processing-to-power ratio, this part is commonly used in: 1. **Industrial Gateways:** Converting fieldbus protocols to Ethernet/Cloud. 2. **Edge AI:** Localized data processing for predictive maintenance. 3. **Medical Equipment:** High-reliability control boards for diagnostic tools. 4. **Smart Grid:** Monitoring and controlling power distribution points. --- ### 4. Part Number Breakdown (Typical Logic) * **M2AS1:** The series identifier (System-on-Module family). * **4113:** Configuration code (specific CPU clock speed, RAM/Flash density). * **R2:** Revision 2 (Hardware updates or bug fixes). * **CE:** European Conformity (Certified for electromagnetic compatibility and safety).
    ✨ Follow-up Questions
    • ⤷ What is the specific processor architecture used in the M2AS1 series?
    • ⤷ Does this module require a carrier board for operation?
    • ⤷ What are the power consumption profiles for the M2AS1-4113-R2/CE under load?