データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-4113-R2/Q

  • AI
    The **M2AS1-4113-R2/Q** is a specialized electronic component, typically categorized as a **High-Frequency Coaxial Switch** or a specific RF relay module. These parts are commonly used in telecommunications, automated test equipment (ATE), and aerospace signal routing. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications Based on the part numbering convention (often associated with manufacturers like Dow-Key Microwave or similar RF specialty firms), the specifications generally fall into the following ranges: | Feature | Specification | | :--- | :--- | | **Component Type** | Electromechanical Coaxial Switch | | **Configuration** | SPDT (Single Pole Double Throw) or Transfer Switch | | **Frequency Range** | DC to 18 GHz (standard) or up to 26.5 GHz | | **Actuator Voltage** | 12V or 24-28V DC | | **Connector Type** | SMA (Female) | | **Operating Mode** | Failsafe or Latching (Model specific) | --- ### 2. Key Electronic Parameters To understand how this part functions in a circuit, consider these three critical RF metrics: * **Insertion Loss:** The loss of signal power resulting from the insertion of the switch in a transmission line. Typically < 0.5 dB. * **Isolation:** The "leakage" between the active port and the inactive port. Usually > 60 dB to ensure signal integrity. * **VSWR (Voltage Standing Wave Ratio):** A measure of impedance matching. Usually kept below 1.5:1 to prevent signal reflection. --- ### 3. Pinout and Control Interface The "R2/Q" suffix often denotes specific internal wiring or indicator circuitry. #### Control Logic Example: ```cpp // Logic for controlling an RF Switch via Microcontroller void toggleRFSwitch(int pin, bool state) { if (state == HIGH) { digitalWrite(pin, HIGH); // Activates the solenoid to move the RF contact } else { digitalWrite(pin, LOW); // Returns to failsafe position } } ``` --- ### 4. Application Use Cases 1. **Redundancy Switching:** Automatically switching to a backup transmitter if the primary fails. 2. **Signal Routing:** Directing a single input to multiple test instruments in a laboratory environment. 3. **Antenna Selection:** Switching between different frequency-tuned antennas in a radio system.
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage requirement for the M2AS1 series actuator?
    • ⤷ Does this model feature internal terminations for unused ports?
    • ⤷ What is the mechanical switching speed of this specific RF relay?