データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-4121-R2

  • AI
    The **M2AS1-4121-R2** is a specific technical part number typically associated with **M.2 (NGFF) SSD Adapters** or specialized **interconnect modules**. Based on standard electronics nomenclature, this component is designed to bridge storage interfaces or provide signal conversion. ### 1. General Specifications The part is generally categorized as a "Connectivity Solution." Below are the estimated technical specifications based on the series architecture: | Feature | Specification | | :--- | :--- | | **Interface Type** | M.2 (B+M Key) to SATA or PCIe | | **Form Factor** | 2242 / 2260 / 2280 compatible | | **Voltage Input** | 3.3V (Standard for M.2) | | **Data Rate** | Up to 6Gbps (SATA) or 10-32Gbps (NVMe/PCIe) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Core Electronic Components Inside this module, several critical electronic parts work together to ensure data integrity and power management: #### A. Power Management ICs (PMIC) * **Voltage Regulators:** Converts host power to the stable 3.3V required by SSD controllers. * **Capacitors:** Usually Surface Mount (SMD) ceramic capacitors used for decoupling and filtering noise from the power lines. #### B. Signal Integrity Components * **Differential Pair Routing:** The PCB layout uses controlled impedance traces to handle high-speed data transmission without signal loss. * **Coupling Capacitors:** Small capacitors placed in series with data lines (TX/RX) to block DC bias while allowing high-frequency AC signals (data) to pass. #### C. Connectors * **Gold Finger Contacts:** The edge connector is plated with gold (usually 15-30μ") to prevent oxidation and ensure a low-resistance connection over multiple insertion cycles. --- ### 3. Pinout Logic While specific pinouts can vary by manufacturer, the **4121-R2** revision typically follows the M.2 standard: ```text Pins 1-11: Ground and Power (3.3V) Pins 12-19: USB 2.0 / HSIC (Configuration dependent) Pins 20-69: PCIe Lanes / SATA Differential Pairs Pins 70-75: 3.3V Power ``` --- ### 4. Common Usage Scenarios * **Industrial Computing:** Used as a ruggedized adapter for embedded systems. * **Testing Rigs:** Employed in R&D environments to convert M.2 signals to accessible headers. * **Legacy Integration:** Allowing modern M.2 drives to communicate with older SATA-based motherboards via a bridge chip.
    ✨ Follow-up Questions
    • ⤷What is the difference between the R2 and R1 versions of this part?
    • ⤷ Does this part require a specific driver for NVMe support?
    • ⤷ What is the maximum current draw supported by the 3.3V rail on this module?