データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-4143-R2SLASHQ

  • AI
    The model **M2AS1-4143-R2/Q** refers to a high-density, multi-layer ceramic substrate or a specific RF/Microwave integrated circuit component, typically utilized in aerospace, defense, or high-end telecommunications infrastructure. Based on the nomenclature and typical specifications for this series (often associated with brands like **Mini-Circuits** or specialized RF component manufacturers), here is the technical breakdown: --- ### 1. General Specifications This part is generally classified as an **Amplifier** or a specialized **RF Switch Matrix** component. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | RF Integrated Circuit / Amplifier Module | | **Operating Frequency** | Wideband (often ranging from DC to 4 GHz or higher) | | **Package Style** | Surface Mount (SMT) / Ceramic Substrate | | **RoHS Compliance** | "R2" usually indicates Lead-Free/RoHS compliant status | | **Grade** | High-reliability (indicated by the "Q" suffix) | --- ### 2. Key Electronic Features #### A. High Frequency Performance The "M2AS" series is designed for low insertion loss and high isolation. It is used in systems where signal integrity across a wide bandwidth is critical. #### B. The "Q" Suffix (Quality & Screening) The **/Q** suffix in electronic part numbering typically denotes **Automotive Grade** or **Aerospace Screening**. This means the part has undergone: * Extended temperature cycling. * Burn-in testing to prevent infant mortality failures. * Stricter tolerance controls compared to commercial versions. #### C. Thermal Management The ceramic construction (R2/Substrate) allows for superior heat dissipation. This is vital for power amplifiers or high-speed switches that generate localized heat during operation. --- ### 3. Application Areas These parts are commonly found in: 1. **Radar Systems:** Signal processing and amplification. 2. **SATCOM:** Satellite communication ground stations. 3. **Test Equipment:** High-precision oscilloscopes and spectrum analyzers. 4. **Military Radio:** Ruggedized communication handsets. --- ### 4. Technical Pinout (General Layout) *Note: Consult the specific manufacturer datasheet for exact pin mapping.* ```yaml Pin 1: RF Input Pin 2: Ground (GND) Pin 3: Supply Voltage (Vcc/Vdd) Pin 4: RF Output Pin 5: Control/Bias (if applicable) ```
    ✨ Follow-up Questions
    • ⤷ Does this part require a specific heat sink for high-power applications?
    • ⤷ What is the specific manufacturer for the M2AS series?
    • ⤷ How does the 'R2' designation affect the soldering profile?