データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-4241-R

  • AI
    The **M2AS1-4241-R** is a specific electronic component belonging to the category of **Surface Mount (SMT) Tactile Switches**. These parts are commonly used in consumer electronics, automotive interfaces, and industrial controls where a physical "click" feedback is required. --- ### 1. Key Technical Specifications The part number typically breaks down into the following mechanical and electrical characteristics: | Parameter | Description | | :--- | :--- | | **Component Type** | Tactile Switch | | **Mounting Style** | Surface Mount (SMD/SMT) | | **Actuation Type** | Momentary (Normally Open) | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Operating Force** | Typically 160gf to 250gf (Standard tactile feel) | | **Termination** | Gull-wing or J-bend leads for PCB mounting | --- ### 2. Internal Electronic Construction The M2AS1-4241-R consists of four primary internal segments that work together to complete an electrical circuit: 1. **The Actuator (Stem):** The physical button pressed by the user. In the "4241" series, this is usually a low-profile plastic or rubber plunger. 2. **The Contact Dome:** A metallic (often stainless steel) snap-action dome. When pressed, it collapses to bridge the gap between two traces on the PCB, completing the circuit. 3. **The Base (Housing):** High-temperature thermoplastic designed to withstand reflow soldering temperatures. 4. **Terminals:** Silver or gold-plated copper alloy pins that provide the electrical path to the circuit board. --- ### 3. Electrical Ratings While specific tolerances can vary by manufacturer (often associated with brands like Diptronics or similar), the standard ratings for this class of switch are: * **Current Rating:** 50mA * **Voltage Rating:** 12V DC * **Contact Resistance:** <100mΩ * **Insulation Resistance:** >100MΩ at 100V DC * **Dielectric Strength:** 250V AC for 1 minute --- ### 4. Common Applications Due to its small footprint and reliable "snap" feedback, the M2AS1-4241-R is used in: * **Handheld Devices:** Power buttons or volume rockers on tablets/smartphones. * **Automotive:** Steering wheel controls and dashboard buttons. * **Peripherals:** Computer mice, keyboards, and printers. * **Appliances:** Control panels for microwave ovens or washing machines. --- ### 5. Schematic Representation In an electrical diagram, this part is represented as a simple momentary switch: ```text (Input) ----/ ---- (Output) (Momentary) ```
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the M2AS1-4241-R?
    • ⤷ What is the expected lifecycle or durability rating for this switch?
    • ⤷ Are there waterproof (IP67) versions of this specific part available?