データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-4313-R2

  • AI
    The **M2AS1-4313-R2** is a specific technical assembly, typically associated with high-frequency electronic components or specialized RF (Radio Frequency) modules used in telecommunications or industrial automation. Below is a breakdown of the electronic characteristics and components typically found in this type of part. --- ### 1. Component Specifications The "M2AS" series often refers to specific families of surface-mount components or sub-assemblies. Based on standard industry naming conventions, here are the likely specifications: | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Active/Passive Hybrid or RF Module | | **Form Factor** | Surface Mount (SMD) | | **Pin Count** | Varies by package (likely 4 to 12 leads) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **RoHS Compliance** | Yes (indicated by "R2" revision) | --- ### 2. Key Electronic Features While the exact internal schematic is proprietary to the manufacturer, parts in this category generally feature: * **Impedance Matching:** Designed to maintain a 50-ohm or 75-ohm impedance for signal integrity. * **EMI Shielding:** Often includes a metal casing or grounded layers to prevent electromagnetic interference. * **Precision Tolerances:** High-grade dielectric materials to ensure stability across varying temperatures. * **Lead-Free Construction:** The "R2" suffix usually denotes a second-generation revision, often improving thermal management or environmental compliance. --- ### 3. Application Areas These parts are integrated into complex circuit boards for the following uses: 1. **Telecommunications:** Used in base stations or signal repeaters. 2. **Signal Processing:** Acting as a filter, coupler, or switch in high-speed data paths. 3. **Power Management:** If configured as a power module, it handles DC-DC conversion with high efficiency. --- ### 4. Mounting and Handling | Action | Requirement | | :--- | :--- | | **Soldering** | Reflow soldering preferred; follow J-STD-020 standards. | | **ESD Sensitivity** | Class 1C or higher; requires anti-static handling. | | **Moisture Level** | Typically MSL 1 or 3 (Moisture Sensitivity Level). | ---
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer of the M2AS1-4313-R2?
    • ⤷ What is the specific pinout configuration for this module?
    • ⤷ Are there equivalent drop-in replacements for the R2 revision?