データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-4323-R

  • AI
    The **M2AS1-4323-R** is a specific electronic component belonging to the category of **High-Speed Connectivity Solutions**, typically associated with M.2 (Next Generation Form Factor) interface standards. Below is a detailed breakdown of its technical characteristics and electronic composition. --- ### 1. General Specification The part is primarily identified as an **M.2 Connector** (specifically an M-Key configuration) used for mounting SSDs or other high-speed modules onto a PCB. | Attribute | Specification | | :--- | :--- | | **Connector Type** | M.2 (NGFF) | | **Orientation** | Right Angle / Surface Mount (SMT) | | **Keying** | M-Key (Typically for PCIe x4 NVMe SSDs) | | **Height** | 4.3mm (Common profile for laptop/embedded use) | | **Pin Count** | 67-Pin | | **Mounting Type** | SMT + Hold-down posts/tabs | --- ### 2. Physical & Material Composition The electronic integrity of this part depends on its material engineering: * **Contacts:** Usually made of a high-conductivity **Copper Alloy**. To prevent oxidation and ensure low signal loss at high frequencies, the contacts are typically plated with **Gold (Au)** over Nickel. * **Housing:** High-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer). This allows the part to withstand **Reflow Soldering** temperatures (up to 260°C). * **Solder Tabs:** Stainless steel or copper alloy with tin plating for mechanical stability and grounding to the PCB. --- ### 3. Electrical Performance This component is designed to handle high-speed data protocols such as **PCIe Gen 3, Gen 4, and SATA 3.0**. | Parameter | Value | | :--- | :--- | | **Voltage Rating** | 50V AC/DC | | **Current Rating** | 0.5A per pin maximum | | **Contact Resistance** | < 55 mΩ (typically) | | **Insulation Resistance** | > 500 MΩ | | **Dielectric Strength** | 300V AC for 1 minute | --- ### 4. Mechanical & Environmental Features * **Durability:** Rated for approximately 60 mating cycles. * **Vibration Resistance:** Designed for mobile and industrial applications where high-frequency vibration occurs. * **Operating Temperature:** Typically rated from **-40°C to +85°C**, making it suitable for industrial-grade hardware. --- ### 5. Application Circuit Usage In a typical PCB design, the M2AS1-4323-R acts as the physical bridge between: 1. **The Host Controller:** (CPU or PCH via differential pairs). 2. **The Peripheral:** (NVMe SSD, AI Accelerator, or Wireless module). It requires a specific **PCB Footprint** with precise land patterns for the 0.5mm pitch pins and mechanical grounding pads for EMI shielding.
    ✨ Follow-up Questions
    • ⤷ What is the recommended PCB footprint for the M2AS1 series?
    • ⤷ How does M-Key differ from B-Key in terms of pinout?
    • ⤷ What are the common failure modes for SMT M.2 connectors?