データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-4331-R2

  • AI
    The **M2AS1-4331-R2** is a specific variant of an industrial-grade **M.2 Solid State Drive (SSD)**, typically manufactured by companies like **Innodisk**. This model is designed for embedded systems, industrial automation, and server environments where reliability is more critical than raw consumer speed. --- ### 1. Key Technical Specifications Below are the electronic and architectural specifications for this specific part number: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (42mm length) | | **Interface** | SATA III (6.0 Gb/s) | | **Flash Type** | iSLC (Industrial SLC) or MLC (depends on specific batch) | | **Capacity** | 32GB / 64GB (Common for this series) | | **Power Consumption** | Max: 2.0W / Idle: 0.5W | | **Operating Temp** | Standard (0°C ~ +70°C) or Wide Temp (-40°C ~ +85°C) | --- ### 2. Core Electronic Components The internal PCB of the M2AS1-4331-R2 consists of three primary electronic sections: #### A. The Controller (The Brain) The drive uses an industrial-grade SATA controller. It manages: * **Wear Leveling:** Ensuring data is written evenly across memory cells to prevent premature failure. * **ECC (Error Correction Code):** Detecting and fixing bit errors that occur during data storage. * **Bad Block Management:** Identifying and "mapping out" sections of the flash memory that are no longer reliable. #### B. NAND Flash Storage This part uses high-end NAND chips. The "AS1" designation often refers to **iSLC technology**. This is a hybrid technology where MLC (Multi-Level Cell) flash is firmware-configured to act like SLC (Single-Level Cell). * **Result:** You get significantly higher endurance (cycles) and faster write speeds compared to standard consumer SSDs. #### C. Power Management Circuitry Unlike consumer drives, industrial M.2 units often include: * **TVS Diodes:** Protects the drive against voltage spikes and surges. * **Power-on Reset (POR):** Ensures the drive initializes correctly only when the voltage is stable. --- ### 3. Special Features (Industrial Grade) The "R2" in the part number often signifies a hardware revision that includes specific electronic enhancements: 1. **iData Guard:** A proprietary power-fail management system that ensures data currently being written is safe if power is suddenly lost. 2. **Thermal Sensor:** Integrated circuitry that monitors temperature to prevent overheating and thermal throttling. 3. **Gold Finger Interface:** Uses 30μ” gold plating on the M.2 pins to ensure a stable electrical connection in high-vibration environments. --- ### 4. Pinout Overview (M.2 B+M Key) The electronic interface uses a "B+M" keying system, making it compatible with most legacy and modern M.2 SATA slots. | Pin Type | Function | | :--- | :--- | | **Power** | 3.3V DC Input | | **Data** | Differential pairs for SATA Transmit/Receive | | **Control** | DEVSLP (Device Sleep) for low power modes | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between iSLC and standard MLC in this model?
    • ⤷ Is this drive compatible with NVMe M.2 slots?
    • ⤷ What is the TBW (Total Bytes Written) rating for this specific part?