データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-4331-R2SLASHN

  • AI
    The **M2AS1-4331-R2** appears to be a specific model or part number associated with an **Industrial Solid State Drive (SSD)**, typically manufactured by **Innodisk**. Based on the standard nomenclature for this series (likely the M.2 2242 or 2280 SATA/PCIe form factors), here is the breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 (likely 2242 or 2280) | | **Interface** | SATA III (6.0 Gb/s) or PCIe Gen 3 (depending on specific R2 revision) | | **NAND Type** | 3D TLC (Triple Level Cell) | | **Capacity Range** | Typically 32GB to 512GB (specific to the 4331 sub-code) | | **Input Voltage** | 3.3V ± 5% | | **Operating Temp** | Standard (0°C ~ +70°C) or Industrial (-40°C ~ +85°C) | --- ### 2. Core Electronic Components An SSD like the M2AS1-4331-R2 consists of four primary electronic layers: #### A. The Controller (The Brain) The controller is an embedded processor that manages the data flow. * **Functions:** Error Correction Code (ECC), Wear Leveling, Bad Block Management, and Garbage Collection. * **Impact:** Determines the IOPS (Input/Output Operations Per Second) and overall stability of the drive. #### B. NAND Flash Memory (Storage) This part number utilizes **3D TLC NAND**. * Unlike traditional planar NAND, 3D NAND stacks memory cells vertically to increase density. * The "4331" designation often refers to a specific density/die configuration used by the manufacturer. #### C. Power Management Integrated Circuit (PMIC) * **Voltage Regulation:** Converts the 3.3V input from the M.2 slot into lower voltages (1.8V, 1.2V) required by the NAND and Controller. * **Protection:** Includes capacitors to protect against over-voltage or sudden power loss (iCell technology in some industrial models). #### D. Passive Components * **Resistors/Capacitors:** Ensure signal integrity and filter electrical noise. * **Crystal Oscillator:** Provides the clock signal for the controller to synchronize data operations. --- ### 3. Industrial Grade Features Because this is an industrial-grade part (indicated by the "AS" and "R2" revisioning), it includes specific electronic protections: 1. **Thermal Sensor:** Monitors the internal temperature to prevent overheating via "Thermal Throttling." 2. **Gold Finger:** The connectors are usually plated with 30μ" gold to ensure a reliable connection in high-vibration environments. 3. **Anti-Sulfuration:** Resistors are often treated to prevent corrosion in harsh atmospheric conditions. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the 4331 model suffix?
    • ⤷ Does this model support AES-256 hardware encryption?
    • ⤷ What is the Mean Time Between Failures (MTBF) for this specific R2 revision?