データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-4332-R2

  • AI
    Based on the specifications for the **M2AS1-4332-R2**, this model number typically refers to a specialized **M.2 (SATA) Solid State Drive (SSD)** often used in industrial or embedded applications. It is designed to interface via the M.2 form factor using the SATA protocol. --- ### Core Electronic Components The device is composed of several critical electronic subsystems that manage data storage, power, and communication: | Component | Function | Description | | :--- | :--- | :--- | | **NAND Flash Memory** | Storage Medium | The non-volatile storage where data is kept. Likely uses 3D TLC or MLC technology for high density. | | **SSD Controller** | Processor/Logic | The "brain" of the device. Manages wear leveling, error correction (ECC), and the SATA interface protocol. | | **DRAM Cache** | Buffer | (Optional/Model dependent) High-speed volatile memory used to store the mapping table for faster data access. | | **PMIC** | Power Management | Regulates the 3.3V input from the M.2 slot into the various voltages required by the controller and NAND chips. | --- ### Key Technical Specifications The "4332" in the part number often indicates specific capacity and form factor configurations: * **Form Factor:** M.2 2243 or 2280 (The dimensions are critical for physical clearance). * **Interface:** SATA III (6.0 Gbps). * **Capacity:** Typically associated with high-density industrial storage. * **Operating Voltage:** 3.3V ±5%. --- ### Industrial Features Unlike consumer-grade electronics, parts like the **M2AS1-4332-R2** usually include hardened electronic features: 1. **Thermal Throttling:** Internal sensors that signal the controller to reduce speed if the components exceed safe temperature thresholds. 2. **Power Fail Protection (PFP):** Capacitors or specialized circuitry to ensure "data-at-rest" is safe during sudden power loss. 3. **Gold Finger Plating:** Enhanced plating on the connector pins to prevent oxidation in harsh environments. --- ### Block Diagram Logic ```mermaid graph LR A[M.2 Connector 3.3V] --> B[PMIC] B --> C[Controller] C <--> D[NAND Flash] C <--> E[DRAM Buffer] A <--> C[SATA Data Signals] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the M2AS1-4332-R2?
    • ⤷ Does this model support hardware-based AES encryption?
    • ⤷ What is the operating temperature range for this specific industrial part?