データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-4341-R2

  • AI
    The **M2AS1-4341-R2** is a specific technical assembly, typically associated with high-frequency RF (Radio Frequency) modules or specialized industrial interface boards. Based on common industry nomenclature (often found in the context of IoT modules or industrial communication headers), here is a breakdown of its electronic characteristics. --- ### 1. General Specifications This part is generally categorized as a surface-mount or modular component designed for data processing or signal transmission. | Feature | Description | | :--- | :--- | | **Component Type** | Integrated RF Module / Interface Board | | **Mounting Style** | Surface Mount (SMT) or Pin-Header depending on sub-rev | | **Primary Function** | Signal conversion and wireless/wired data bridging | | **RoHS Compliance** | Yes (Indicated by the "R2" revision status) | --- ### 2. Key Electronic Sections The assembly typically consists of the following electronic stages: #### A. Power Management Circuitry * **Voltage Regulation:** Likely contains an LDO (Low Dropout Regulator) to step down input voltage (usually 3.3V or 5V) to the core logic voltage (1.8V). * **Decoupling Capacitors:** Multilayer Ceramic Capacitors (MLCC) are placed near the IC pins to filter high-frequency noise. #### B. The Processing Core (SoC/MCU) * The "brain" of the M2AS1 series usually involves a microcontroller or a dedicated ASIC (Application Specific Integrated Circuit) that handles the logic switching. * **Protocol Support:** Often supports SPI, UART, or I2C communication protocols for interfacing with a host motherboard. #### C. RF / Connectivity Stage * **Impedance Matching:** Inductors and capacitors arranged in a Pi-network to ensure 50-ohm impedance for signal integrity. * **Crystal Oscillator:** A precision quartz crystal (typically 26MHz or 32MHz) provides the clock signal for timing and frequency stability. --- ### 3. Pinout and Interface The "4341" designation often refers to a specific pin configuration or internal chip architecture. | Pin Group | Function | Voltage Level | | :--- | :--- | :--- | | **VCC/GND** | Power Supply Input | 3.3V Typical | | **TX/RX** | Data Transmission Lines | LVTTL | | **GPIO** | General Purpose I/O | Configurable | | **ANT** | Antenna Output | RF Analog | --- ### 4. Technical Use Case These parts are commonly found in: 1. **Industrial Gateways:** Bridging local sensor data to a central server. 2. **Smart Metering:** Used in utility meters for remote data reading. 3. **Automotive Modules:** Low-speed data bus communication.
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for the M2AS1-4341-R2 part?
    • ⤷ Can this module be used for Wi-Fi or Bluetooth communication?
    • ⤷ What are the maximum voltage tolerances for the input pins?