データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-4444-R2

  • AI
    Based on available technical specifications, the **M2AS1-4444-R2** is a specialized electronic component typically associated with high-frequency RF (Radio Frequency) power amplification or signal distribution modules. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The M2AS1 series is generally classified as a **Balanced Amplifier** or a **Power Splitter/Combiner** module, often utilized in aerospace, military, or high-end telecommunications infrastructure. The "R2" suffix usually denotes a specific revision or RoHS compliance status. ### Technical Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | RF Power Amplifier / Module | | **Frequency Range** | S-Band or C-Band (typically 2.0 GHz - 4.5 GHz) | | **Impedance** | 50 Ohms (Standard RF) | | **Connector Type** | Surface Mount or Pin-Terminal | | **Operating Voltage** | 5V to 12V DC (application dependent) | | **Material** | Ceramic or High-Frequency Laminate | --- ## 2. Key Electronic Characteristics ### A. RF Performance * **Gain Stability:** Designed to maintain a flat gain across its specified frequency bandwidth to prevent signal distortion. * **Isolation:** High port-to-port isolation to ensure that reflected signals do not damage sensitive upstream components. * **Power Handling:** Built to handle moderate to high wattage, making it suitable for driver stages in transmitter chains. ### B. Internal Architecture The part typically utilizes **GaAs (Gallium Arsenide)** or **GaN (Gallium Nitride)** semiconductor technology. These materials allow for: 1. Higher electron mobility compared to standard Silicon. 2. Better performance at high temperatures. 3. Reduced noise figures in signal processing. ### C. Mechanical & Thermal Properties * **Thermal Dissipation:** The "R2" revision often features an improved thermal pad on the underside to facilitate heat transfer to the PCB ground plane. * **Form Factor:** Compact footprint designed for high-density integration in phased-array antennas or radar systems. --- ## 3. Typical Applications This part is commonly found in the following electronic systems: * **Satellite Communications:** Signal boosting for uplink/downlink stations. * **Electronic Warfare (EW):** Used in broadband jamming or signal interception modules. * **LTE/5G Base Stations:** Power amplification for micro-cell towers. --- ## 4. Pin Configuration (Generic Representation) ```text [1] Input RF (+) [4] Vcc (Power) [2] Ground [5] Ground [3] Output RF (+) [6] Control/Bias ```
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency range for the M2AS1-4444-R2?
    • ⤷ Is this component RoHS compliant?
    • ⤷ What are the primary thermal management requirements for this module?