データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-5134-R

  • AI
    The **M2AS1-5134-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Inductor** or a high-frequency communication component, often manufactured by companies like *Microgate* or similar specialized electronic material firms. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part number follows a standard nomenclature used in passive component manufacturing. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Multilayer Chip Inductor / Ferrite Bead | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Case Size** | Often corresponds to 0201 or 0402 metric, depending on the series prefix | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | ### 2. Part Number Breakdown While manufacturer codes vary slightly, the alphanumeric string typically decomposes as follows: * **M2AS**: Series identifier (often denotes high-frequency Multilayer Ceramic/Ferrite technology). * **1**: Material code (specific ferrite or ceramic composition for impedance control). * **5134**: Dimensional or performance code (often relates to internal windings or physical dimensions). * **R**: Packaging or RoHS Compliance (Tape & Reel). ### 3. Key Electrical Attributes These components are designed for high-density PCB layouts where space and signal integrity are critical. * **Inductance/Impedance:** Designed for EMI (Electromagnetic Interference) suppression or signal filtering in high-frequency circuits. * **Tolerance:** Typically ±5% to ±10% depending on the application. * **Current Rating:** Low to moderate DC current carrying capacity, optimized for signal lines rather than power stages. * **Frequency Range:** Optimized for MHz to GHz range, making it suitable for mobile devices and RF modules. ### 4. Common Applications Due to its small footprint and electronic characteristics, the M2AS1-5134-R is commonly found in: 1. **Mobile Telecommunications:** Filtering noise in smartphones and tablets. 2. **RF Modules:** Impedance matching or decoupling in Bluetooth/Wi-Fi circuits. 3. **High-Speed Data Lines:** Reducing jitter and EMI in USB or HDMI interfaces. 4. **Wearable Tech:** Space-constrained power management circuits. --- ### 5. Handling and Soldering | Parameter | Recommendation | | :--- | :--- | | **Soldering Method** | Reflow Soldering (Lead-Free compatible) | | **Moisture Sensitivity** | MSL 1 (Generally non-sensitive) | | **Storage Temperature** | -40°C to +85°C |
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the 5134 code in this series?
    • ⤷ Which manufacturer specifically produces the M2AS series?
    • ⤷ Are there pin-to-pin equivalents for this part from Murata or TDK?