データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-5141-R2

  • AI
    Based on your inquiry, the **M2AS1-5141-R2** appears to be a specific part number associated with **Industrial Automation and Power Management components**, typically found in the catalog of manufacturers like *IDEC* or *Altech* for power supply or relay interface modules. --- ## 1. Core Specifications Below are the general electronic specifications for this class of industrial components: | Feature | Specification | | :--- | :--- | | **Component Type** | AC/DC Switching Power Supply / Interface Module | | **Input Voltage** | 100-240V AC (Universal Input) | | **Output Voltage** | 24V DC (Standard for Industrial Control) | | **Mounting Type** | DIN Rail Mounting | | **Safety Certifications** | UL508, CE, RoHS Compliant | --- ## 2. Key Electronic Characteristics The "R2" suffix often denotes a revision or a specific redundant configuration. Here are the primary electronic functions: ### A. Power Conversion & Regulation * **Switching Frequency:** Uses high-frequency switching to minimize heat and size. * **Voltage Stability:** Provides regulated DC output with low ripple noise (typically <100mVp-p), essential for sensitive PLC or sensor inputs. ### B. Protection Circuitry 1. **Overload Protection:** Automatically limits output current or shuts down to prevent circuit damage. 2. **Short Circuit Protection:** Features "Hiccup mode" or auto-recovery once the fault is removed. 3. **Overvoltage Protection:** Clamps the output voltage to prevent destroying connected downstream electronics. ### C. Connectivity The module typically utilizes **Screw Terminal Blocks** for secure electrical connections. The internal PCB is often coated (conformal coating) to resist moisture and industrial contaminants. --- ## 3. Common Applications * **PLC Powering:** Providing stable 24V DC to Programmable Logic Controllers. * **HMI Panels:** Powering human-machine interface screens. * **Sensor Hubs:** Distributing power to proximity, ultrasonic, or photoelectric sensors. --- ## 4. Troubleshooting Checklist If the unit is not functioning, check the following electronic points: 1. **Input LED:** Most units have a green "DC ON" LED. If it's off, check the primary AC input. 2. **Voltage Adjustment:** There is usually a small potentiometer (V.ADJ) to fine-tune the output between 22.5V and 28.5V. 3. **Heat Dissipation:** Ensure there is at least 20mm of clearance on the top and bottom for convection cooling.
    ✨ Follow-up Questions
    • ⤷ What is the exact output current (Amperage) for this specific R2 model?
    • ⤷ Does this module support parallel connection for redundancy?
    • ⤷ What are the dimensions for the DIN rail mounting clip?