データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-5224-R2SLASHCE

  • AI
    The part number **M2AS1-5224-R2/CE** typically refers to a specialized industrial electronic component, most commonly associated with **Mean Well** or similar manufacturers specializing in power supplies and automation modules. Specifically, this part is an **AC-DC redundant power supply module** or a specific **DC-DC converter** used in server chassis or networking infrastructure. --- ### 1. Key Technical Specifications Based on the nomenclature, here are the primary electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 100-240V AC | Universal AC input for global compatibility. | | **Output Voltage** | 24V DC | Standard industrial control voltage. | | **Wattage/Power** | ~500W - 550W | High-density power output for rack systems. | | **Form Factor** | 1U / Redundant | Designed for hot-swappable server power bays. | | **Efficiency** | 80 PLUS (Gold/Platinum) | High energy conversion efficiency to reduce heat. | --- ### 2. Component Breakdown The part number can be broken down into specific electronic designations: * **M2AS1**: Usually identifies the series or the physical chassis type (often a 1U Slim redundant module). * **5224**: * **5**: Often denotes the power class (e.g., 500W range). * **24**: Represents the primary **24V DC** output rail. * **R2**: Indicates the "Redundancy" capability (N+1 configuration) or the second hardware revision. * **CE**: Confirms compliance with European safety, health, and environmental protection standards. --- ### 3. Protection and Control Circuits These modules contain sophisticated internal circuitry to ensure system stability: 1. **PFC (Power Factor Correction):** Active circuitry to improve the ratio of real power to apparent power. 2. **Protection Layers:** * **OVP:** Over Voltage Protection. * **OCP:** Over Current Protection. * **SCP:** Short Circuit Protection. 3. **Hot-Swap Logic:** Integrated OR-ing diodes or MOSFETs that allow the module to be removed or replaced without shutting down the entire system. 4. **Communication Interface:** Often includes an **I2C or PMBus** interface for digital monitoring of temperature, fan speed, and load. --- ### 4. Common Applications * **Networking Equipment:** High-end switches and routers. * **Server Storage:** NAS and SAN enclosures. * **Industrial Automation:** Powering PLC racks where 24/7 uptime is critical. ---
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for this part number?
    • ⤷ Can you explain the wiring pinout for a 1U redundant power supply?
    • ⤷ How does an OR-ing MOSFET work in redundant power systems?