データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-5233-R2SLASHCE

  • AI
    The part number **M2AS1-5233-R2/CE** typically refers to a specialized industrial electronic component, most commonly identified as a **high-precision signal conditioner or transmitter** used in automation and control systems. Below is a breakdown of the electronic characteristics and technical specifications. ### 1. Component Overview This device is designed to interface between field sensors (like RTDs, Thermocouples, or DC signals) and control systems (PLC/DCS). It ensures that electrical signals are isolated, amplified, and converted into a standard format. | Feature | Specification (Typical) | | :--- | :--- | | **Device Type** | Signal Conditioner / Isolated Transmitter | | **Input Signal** | Multiple options (DC Voltage/Current or Temperature) | | **Output Signal** | Standard Analog (e.g., 4-20mA or 0-10V) | | **Isolation** | 3-way isolation (Input, Output, Power) | | **Mounting** | DIN Rail | | **Compliance** | CE (European Conformity) | --- ### 2. Key Electronic Sections The internal architecture of the M2AS1 series usually consists of the following electronic stages: #### A. Input Stage * **Protection:** Includes surge protection and EMI filtering to handle noisy industrial environments. * **A/D Converter:** Converts the analog sensor data into a digital format for precise processing. #### B. Galvanic Isolation * Uses **Optical or Transformer coupling** to separate the input and output circuits. * **Purpose:** Prevents ground loops and protects the control system from high-voltage spikes on the field side. #### C. Microcontroller / Processing * The "5233" segment of the model code often dictates the specific calibration and scaling parameters. * It handles linearization (especially important for non-linear sensors like thermocouples). #### D. Output Stage * **D/A Converter:** Converts the processed signal back to a stable analog output. * **Current Loop Driver:** Capable of driving loads (typically up to 500-750 ohms for a 4-20mA signal). --- ### 3. Suffix Breakdown * **R2:** Usually indicates the power supply requirement. In many industrial series, "R2" refers to an **AC power supply** (e.g., 100-240V AC) rather than DC. * **CE:** Indicates that the part meets European safety, health, and environmental protection requirements. --- ### 4. Typical Connection Diagram ```text [ FIELD SENSOR ] ------> [ INPUT TERMINALS ] | [ ISOLATION BARRIER ] | [ PLC / MONITOR ] <----- [ OUTPUT TERMINALS ] | [ 100-240V AC ] ------> [ POWER TERMINALS ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific input signal ranges supported by the M2AS1 series?
    • ⤷ How does 3-way isolation differ from 2-way isolation in signal conditioners?
    • ⤷ What is the recommended maintenance or calibration frequency for this device?