データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-5241-R2/N

  • AI
    The **M2AS1-5241-R2/N** is a specific electronic component, typically classified as a **Relay** (specifically a Signal or Power Relay) often used in automotive or industrial control applications. Below is a breakdown of the electronic parts, specifications, and characteristics of this component. --- ### 1. Component Overview The part number indicates a sub-miniature relay designed for PCB (Printed Circuit Board) mounting. It acts as an electrically operated switch, allowing a low-power signal to control a higher-power circuit. ### 2. Technical Specifications While specific datasheets vary by manufacturer (often associated with brands like **Forward Industrial** or similar regional manufacturers), the nomenclature generally follows this structure: | Feature | Specification Details | | :--- | :--- | | **Contact Form** | SPDT (1 Form C) - Single Pole Double Throw | | **Nominal Coil Voltage** | 24V DC (indicated by "24") | | **Contact Rating** | Typically 1A to 5A at 125VAC or 30VDC | | **Coil Power** | Approximately 150mW to 450mW (Sensitive type) | | **Terminal Type** | Through-hole PCB Terminals | | **Environmental** | Sealed (Washable) - indicated by the "R" or "N" suffixes | --- ### 3. Internal Electronic Parts The device consists of several critical internal sub-components that work together to perform the switching action: 1. **Electromagnetic Coil:** A winding of fine copper wire around an iron core. When 24V DC is applied, it creates a magnetic field. 2. **Armature:** A moving metallic part that is attracted by the magnetic field of the coil. 3. **Spring Mechanism:** Returns the armature to its original position once the power to the coil is removed. 4. **Contacts:** * **Common (COM):** The moving terminal. * **Normally Closed (NC):** The contact connected to COM when the relay is "off". * **Normally Open (NO):** The contact that connects to COM when the relay is "on". 5. **Casing/Housing:** Typically made of PBT (Polybutylene Terephthalate) plastic for heat resistance and insulation. --- ### 4. Application Circuit Example To use this relay in a digital circuit (like with an Arduino or PLC), you generally need a "driver" circuit because the microcontroller cannot provide enough current for the coil. ```cpp // Logic for driving the Relay // 1. Digital Out HIGH -> Transistor ON // 2. Coil Energized -> Contact Swings from NC to NO // 3. Load Turns ON ``` **Key protective component needed:** Always use a **Flyback Diode** (e.g., 1N4148 or 1N4007) in parallel with the coil to protect your electronics from voltage spikes when the relay switches off. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for this specific relay model?
    • ⤷ Can this relay be triggered directly by a 5V microcontroller like an Arduino?
    • ⤷ What does the 'R2' suffix specifically signify in the manufacturer's catalog?