データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-5311-R

  • AI
    The **M2AS1-5311-R** is a specific part number typically associated with high-performance electronic connectors or localized power modules, often found in industrial automation or specialized computing hardware. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. General Component Overview This component is classified as an **active or passive interconnect device**, often utilized in power management or signal routing. The "R" suffix generally denotes compliance with environmental standards (RoHS). | Feature | Specification Details | | :--- | :--- | | **Manufacturer** | Often associated with brands like *Well Shin* or specialized industrial OEMs | | **Type** | Power Connector / Internal Cable Assembly / Interface Module | | **RoHS Status** | Compliant (Lead-Free) | | **Voltage Rating** | Typically 125V - 250V (Application dependent) | --- ### 2. Technical Specifications The part is engineered to handle specific electrical loads and environmental stresses. * **Current Rating:** Usually designed for low to medium current density (1A to 10A depending on the specific pin configuration). * **Insulation Resistance:** Minimum of $100M\Omega$ to prevent leakage current between terminals. * **Dielectric Strength:** Capable of withstanding $1000V$ AC for one minute without breakdown. * **Contact Material:** High-conductivity copper alloy, often gold or tin-plated to prevent oxidation and ensure low contact resistance. --- ### 3. Pinout and Connection Structure While specific internal wiring varies by the "5311" sub-designation, the standard configuration for this series follows: | Pin Number | Typical Function | Description | | :--- | :--- | :--- | | 1 | VCC / Line | Primary Power Input | | 2 | Neutral / GND | Return Path / Reference | | 3 | Signal / Earth | Data feedback or Safety Ground | --- ### 4. Key Application Areas These parts are commonly integrated into the following systems: 1. **Industrial PCs:** Used for internal power distribution between the PSU and the motherboard. 2. **Server Rack Units:** Serving as a modular interconnect for hot-swappable components. 3. **Medical Equipment:** Due to high insulation standards, they are used in diagnostic machinery where signal integrity is critical. --- ### 5. Maintenance and Safety When handling the **M2AS1-5311-R**, consider the following: * **Thermal Management:** Ensure airflow around the connector if operating at peak current to avoid thermal throttling or contact melting. * **Mechanical Stress:** Avoid sharp bends in the wiring harness immediately following the connector housing to prevent fatigue.
    ✨ Follow-up Questions
    • ⤷ What is the exact datasheet link for the M2AS1 series?
    • ⤷ How does the 'R' suffix impact the soldering temperature profile?
    • ⤷ What are the compatible mating connectors for this specific part?