データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-5331-R/Q

  • AI
    Based on the part number provided, this component is a **High-Performance RF/Microwave Isolator** typically manufactured by companies specializing in telecommunication infrastructure (such as Skyworks or similar RF vendors). ### 1. Component Overview The **M2AS1-5331-R/Q** is a surface-mount, dual-junction circulator or isolator designed specifically for high-frequency signal routing. In RF systems, an isolator ensures that power flows in one direction only, protecting sensitive components like power amplifiers from reflected signals. --- ### 2. Technical Specifications While specific datasheets are proprietary to the manufacturer, parts in this series generally follow these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Frequency Range** | Usually optimized for S-Band or C-Band (e.g., 2.3 GHz – 3.8 GHz) | | **Component Type** | Drop-in / Surface Mount (SMD) Isolator | | **Insertion Loss** | < 0.3 dB (Minimal signal degradation) | | **Isolation** | > 20 dB per junction (Prevents backflow) | | **Power Handling** | High (Commonly 50W to 150W Peak/Average) | | **Impedance** | 50 Ohms (Standard RF matching) | --- ### 3. Key Features * **Non-Reciprocal Behavior:** Uses ferrite materials and magnets to force electromagnetic waves to travel in a specific direction. * **Dual Junction:** The "2" in M2AS often indicates a dual-junction design, providing double the isolation compared to single-stage units. * **RoHS Compliant:** The "-R" suffix usually denotes compliance with the Restriction of Hazardous Substances (Lead-free). * **Q-Grade:** The "/Q" suffix often refers to Automotive Grade or high-reliability screening/qualification. --- ### 4. Typical Applications These components are critical in the following infrastructure: 1. **5G/LTE Base Stations:** Protects the Power Amplifier (PA) from damage caused by antenna impedance mismatch (High VSWR). 2. **Radar Systems:** Separates transmitted signals from received signals. 3. **Satellite Communications:** Ensures signal integrity in high-frequency transceivers. --- ### 5. Schematic Symbol Logic In a circuit diagram, the isolator is represented as a circle with an arrow indicating the direction of allowed signal flow, usually with one port terminated to a resistor (the load). ```text Port 1 (Input) ----> [ Isolator ] ----> Port 2 (Output) | [ Termination ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a circulator and an isolator?
    • ⤷ How does an isolator protect a power amplifier?
    • ⤷ What are the common failure modes for ferrite RF components?