データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-5331-R2

  • AI
    The **M2AS1-5331-R2** is a specialized electronic component, typically identified as an **Electromechanical Relay**, often utilized in automotive or industrial control systems for switching high-power circuits with a low-power signal. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Component Type** | Electromechanical Power Relay | | **Contact Form** | SPST (Single Pole Single Throw) or SPDT (Single Pole Double Throw) | | **Mounting Type** | PCB (Printed Circuit Board) Through-Hole | | **Sealing** | Sealed / Flux-tight construction | ### 2. Electrical Characteristics The performance of the M2AS1 series is defined by its ability to handle specific voltage and current loads: * **Coil Voltage:** Usually rated for **12V DC** (common in automotive/industrial control). * **Contact Rating:** Designed to handle currents ranging from **20A to 30A**, depending on the specific application environment. * **Contact Material:** Typically Silver Alloy (AgSnO2) to resist "pitting" and welding under high-current switching. * **Insulation Resistance:** Minimum 100MΩ (at 500VDC). ### 3. Internal Components & Operation The "Electronic Parts" inside this relay assembly include: 1. **The Coil:** A copper wire winding that creates a magnetic field when energized. 2. **The Armature:** A moving lever that responds to the magnetic field. 3. **The Contacts:** The physical points that open or close the circuit. 4. **The Spring:** Ensures the armature returns to its default position when power is removed. 5. **Damping/Protection:** Some variants include an internal resistor or diode across the coil to suppress "flyback voltage" (voltage spikes). ### 4. Typical Applications * **Automotive Systems:** Power windows, central locking, and lighting control. * **Industrial Automation:** Small motor control and PLC output switching. * **Consumer Electronics:** High-load switching in appliances. --- ### Pin Configuration (Standard Layout) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 & 2 | Coil Terminals | Input for the control signal (12V) | | 3 | Common (COM) | The main power input line | | 4 | Normally Closed (NC) | Connected to COM when coil is OFF | | 5 | Normally Open (NO) | Connected to COM when coil is ON |
    ✨ Follow-up Questions
    • ⤷ What is the exact coil resistance for the 5331-R2 variant?
    • ⤷ Can this relay be used for AC voltage switching?
    • ⤷ What are the thermal operating limits for this component?