データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-5334-R/N

  • AI
    Based on the part number provided, this component is a **High-Density Connector** (likely a Board-to-Board or Mezzanine connector) often associated with specialized hardware manufacturers. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The **M2AS1-5334-R/N** belongs to a class of high-speed, high-density surface mount (SMT) connectors used primarily for inter-PCB connectivity. | Feature | Description | | :--- | :--- | | **Component Type** | Mezzanine / Board-to-Board Connector | | **Mounting Type** | Surface Mount (SMT) | | **Pitch** | High-density (often 0.5mm or 0.8mm) | | **Pin Configuration** | Multi-row high pin count | | **Material** | High-temperature plastic with gold-plated contacts | ### 2. Key Electronic Characteristics These parts are engineered for high-integrity signal transmission and mechanical durability. * **Signal Integrity:** Designed to handle high-speed differential signals with minimal crosstalk and impedance mismatch. * **Contact Resistance:** Typically low (milliohms range) to ensure stable power delivery and signal quality. * **Thermal Rating:** Designed to withstand lead-free reflow soldering temperatures (up to 260°C). * **Mechanical Polarization:** The "/N" or suffix indicators usually refer to specific alignment pins or polarization keys to prevent incorrect mating. ### 3. Part Number Decoding (Typical) While manufacturers vary, the alphanumeric segments generally represent: | Segment | Indication | | :--- | :--- | | **M2** | Series designation (often related to mating height) | | **AS** | Contact style (e.g., Header vs. Receptacle) | | **5334** | Specific model identifier or pin count code | | **R/N** | Packaging (Reel/Tray) or Environmental (RoHS/Nickel plating) | ### 4. Common Applications Due to its high density, this part is commonly found in: * **Computing:** Server blades and motherboards. * **Networking:** Switch and router line cards. * **Industrial:** High-end PLC and control modules. * **Embedded Systems:** Connecting COM (Computer-on-Module) to carrier boards. --- ### Implementation Example If you were defining this part in a CAD library (e.g., Altium or Eagle), your pin mapping might look like this: ```json { "part_number": "M2AS1-5334-R/N", "category": "Connector", "attributes": { "pins": "High Density", "termination": "SMT", "plating": "Gold over Nickel", "packaging": "Tape and Reel" } } ```
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer for the M2AS1 series?
    • ⤷ What is the specific mating height for the 5334 variant?
    • ⤷ Is there a recommended footprint pattern for this SMT connector?