データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-5344-R2SLASHN

  • AI
    The part number **M2AS1-5344-R2** generally refers to a specific configuration of a high-performance **PCIe Expansion System** or a specialized **Backplane/Riser card** assembly, often associated with manufacturers like OSS (One Stop Systems) or similar industrial computing hardware providers. Below is the breakdown of the electronic components and technical specifications associated with this type of hardware. ### 1. Technical Specifications Overview This component is designed to facilitate high-speed data transfer between a host computer and multiple peripheral devices. | Feature | Description | | :--- | :--- | | **Interface Type** | PCIe (Peripheral Component Interconnect Express) | | **Generation** | Typically Gen 3 or Gen 4 (depending on the R2 revision) | | **Form Factor** | Custom Riser or Expansion Card | | **Lane Configuration** | x8 or x16 physical slot capability | | **Connectivity** | SFF-8644 or specialized cable headers for external expansion | --- ### 2. Key Electronic Components The board consists of several critical sub-systems to ensure signal integrity over long distances and stable power delivery: #### A. PCIe Bridge / Switch Chipset * **Function:** Acts as a traffic controller, allowing one host connection to split into multiple downstream slots. * **Typical Chips:** Broadcom (PLX) or Microchip (Switchtec) ICs. #### B. Signal Re-drivers / Retimers * **Function:** Because high-speed PCIe signals degrade over physical distance, these ICs boost the signal to ensure data integrity between the external cable and the internal bus. #### C. Power Management Circuitry (PMIC) * **Voltage Regulators:** Converts the standard 12V input to 3.3V and lower voltages required by the logic chips. * **Capacitors:** Solid-state electrolytic or tantalum capacitors for ripple filtering. #### D. Physical Connectors * **Gold Fingers:** The edge connector that plugs into the motherboard. * **Cable Headers:** High-density connectors (like iPass+ or mini-SAS HD) for linking to an external expansion chassis. --- ### 3. Application Use Cases This hardware is usually found in professional and industrial environments: 1. **GPU Deep Learning:** Connecting multiple external NVIDIA/AMD GPUs to a single server. 2. **NVMe Storage Arrays:** High-speed data throughput for massive SSD arrays. 3. **Military & Aerospace:** Ruggedized computing environments where the CPU must be isolated from the I/O. --- ### 4. Meaning of "R2" Suffix In electronic part numbering, **R2** almost always stands for **Revision 2**. This implies: * Correction of bugs found in the initial (R1) release. * Improved thermal management or power efficiency. * Possible upgrade from PCIe 3.0 to PCIe 4.0 compatibility.
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer of the M2AS1 series?
    • ⤷ What are the specific power requirements for this expansion card?
    • ⤷ Can this board be used for external GPU (eGPU) setups?