データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-5412-R2

  • AI
    The **M2AS1-5412-R2** is a high-performance **backplane/midplane module** typically used in enterprise storage systems, specifically associated with SAS/SATA drive enclosures (JBODs) or server chassis. It acts as the electrical "spine" that connects storage drives to the controllers. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Interface Type** | SAS-3 (12Gb/s) / SATA-III (6Gb/s) | | **Drive Support** | Up to 12 Bays (SFF 2.5" or LFF 3.5" depending on chassis) | | **Form Factor** | Proprietary Vertical/Horizontal Backplane | | **Expansion Port** | SFF-8643 (HD Mini-SAS) or SFF-8087 | | **Power Input** | Redundant power connectors (6-pin or 8-pin variants) | --- ### 2. Core Electronic Components The board is composed of several critical layers of electronic architecture: #### A. SAS Expander IC The heart of the backplane is usually an **LSISAS3x** (or similar) expander chip. - **Function:** It manages the data routing between the host (HBA/RAID card) and the 12 individual drive slots. - **Benefit:** Allows multiple drives to communicate over a single high-bandwidth cable. #### B. Signal Integrity Components (Re-drivers) Because 12Gb/s signals degrade quickly over PCB traces, the board includes: - **Capacitors:** Surface-mount ceramic capacitors for DC blocking and noise filtering. - **Re-drivers/Repeaters:** Small ICs that boost the electrical signal to ensure zero data loss between the controller and the disk. #### C. Enclosure Management (SES-2) The board features a **Microcontroller (MCU)** that handles **SES (SCSI Enclosure Services)**. - **Monitoring:** Tracks fan speeds, temperature sensors, and voltage rails. - **LED Drivers:** Controls the "Health" (Green) and "Fault" (Amber) LEDs for every drive bay. #### D. Power Regulation - **Voltage Regulators (Buck Converters):** Converts the 12V input from the power supply down to 5V and 3.3V required by the logic circuits and the SSDs/HDDs. - **TVS Diodes:** Provides surge protection against hot-plugging sparks. --- ### 3. Connector Pinout Overview The M2AS1-5412-R2 utilizes standard high-density connectors: 1. **SFF-8680 Connectors:** The physical slots where the hard drives plug in (combines data and power). 2. **SFF-8643 Headers:** Internal High-Density Mini-SAS connectors for the uplink to the motherboard or RAID controller. 3. **I2C/UART Headers:** Used for low-level firmware debugging and environmental monitoring communication. --- ### 4. Common Use Cases - **Storage Servers:** Acting as the interconnect for 2U 12-bay rackmount servers. - **Expansion Shelves:** Used in JBOD (Just a Bunch Of Disks) units to daisy-chain storage capacity.
    ✨ Follow-up Questions
    • ⤷ What is the maximum data throughput supported by the M2AS1-5412-R2?
    • ⤷ Is this backplane compatible with both NVMe and SAS drives?
    • ⤷ How do I troubleshoot a 'Drive Not Detected' error on this specific module?