データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-5432-R/N

  • AI
    The **M2AS1-5432-R/N** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) Magnetic Network** or a **Discrete LAN Transformer**. It is primarily used in networking hardware to handle signal conditioning and electrical isolation. --- ### 1. Component Specifications Below are the general technical parameters for this class of component: | Feature | Specification | | :--- | :--- | | **Component Type** | LAN Transformer / Magnetic Module | | **Configuration** | Single Port / Discrete | | **Speed Support** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Turns Ratio** | 1CT:1CT (Typical) | | **Isolation Voltage** | 1500 Vrms (Minimum) | | **RoHS Status** | Compliant (indicated by the -R suffix) | --- ### 2. Key Internal Functions The M2AS1-5432-R/N performs several critical roles within an Ethernet circuit: 1. **Galvanic Isolation:** It protects the delicate PHY (Physical Layer) chip from high-voltage surges on the network cable and prevents ground loops. 2. **Impedance Matching:** It ensures the impedance of the differential pairs on the PCB matches the $100\Omega$ impedance of the twisted-pair (UTP) cable. 3. **Common Mode Rejection (CMR):** Internal chokes suppress electromagnetic interference (EMI) and noise that could corrupt data packets. 4. **Signal Transmission:** It facilitates the transfer of high-speed differential signals while maintaining signal integrity. --- ### 3. Application Areas This component is commonly found in the following devices: * **Networking Gear:** Switches, routers, and hubs. * **Computing:** Motherboards with integrated RJ45 ports and Network Interface Cards (NICs). * **Industrial:** PLCs (Programmable Logic Controllers) and industrial Ethernet gateways. * **Embedded Systems:** IoT devices requiring stable wired internet connectivity. --- ### 4. Circuit Diagram Representation In a standard schematic, the component sits between the **Ethernet Controller (PHY)** and the **RJ45 Connector**. ```mermaid graph LR PHY[PHY Chip] ---|Differential Pairs| T[M2AS1-5432-R/N] T ---|Isolated Signals| RJ[RJ45 Jack] T ---|Chassis Ground| GND[System Ground] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the M2AS1 and standard RJ45 integrated magnetics?
    • ⤷ Can this component support Power over Ethernet (PoE) applications?
    • ⤷ What are the recommended soldering temperature profiles for this SMD part?