データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-6134-R

  • AI
    The **M2AS1-6134-R** is a specific electronic hardware component, commonly identified as a **high-precision, surface-mount (SMD) metal plate current sense resistor** manufactured by companies like Susumu. Below is a detailed breakdown of its specifications, electronic characteristics, and typical applications. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical properties. | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Current Sense Resistor | Low resistance value for measuring current. | | **Series** | RL / M2AS | Metal foil/plate technology for high stability. | | **Resistance** | ~1 to 10 mΩ (Typical) | Very low resistance to minimize power loss. | | **Power Rating** | 1W - 2W | Depends on the specific package thermal dissipation. | | **Tolerance** | ±1% or ±0.5% | High precision for accurate sensing. | | **Package Size** | 1206 or 2512 | Surface mount footprint (Metric 3216 or 6432). | | **Temperature Coefficient (TCR)** | ±50ppm/°C to ±100ppm/°C | Minimal drift over temperature changes. | --- ## 2. Key Electronic Features ### A. Metal Plate Construction Unlike standard thick-film resistors, the M2AS series uses a **metal alloy plate**. This provides: * **High Power Handling:** Better heat dissipation than ceramic-based resistors. * **Pulse Stability:** Capability to handle short-duration high-current surges without failing. ### B. Low Parasitic Inductance The flat, metal plate design ensures very low inductance. This is critical in high-frequency switching power supplies to prevent voltage spikes and measurement noise. ### C. Kelvin (4-Terminal) Capability (Variant Dependent) While many are 2-terminal, some sub-series of the M2AS family are designed for **Kelvin sensing**, where two pads carry the main current and two pads measure the voltage drop, eliminating lead resistance errors. --- ## 3. Typical Circuit Application In most electronic designs, this part is used in a **Shunt Configuration**. ### The Principle: The resistor is placed in series with the load. According to Ohm's Law ($V = I \times R$), the voltage drop across the resistor is directly proportional to the current. * **Formula:** $I = V_{measured} / R_{nominal}$ ### Common Use Cases: 1. **Battery Management Systems (BMS):** Monitoring charging and discharging currents in Li-ion packs. 2. **DC-DC Converters:** Providing feedback for current-mode control loops. 3. **Motor Control:** Detecting over-current conditions to protect the motor and driver. 4. **Power Inverters:** Measuring AC/DC output for grid-tie or off-grid systems. --- ## 4. Soldering and Thermal Management Because this part is often used at its maximum power rating, thermal design is crucial: * **Large Copper Pads:** Recommended to use large PCB traces to act as a heat sink. * **Reflow Soldering:** Compliant with RoHS (lead-free) profiles, indicated by the **"-R"** suffix in the part number. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and tolerance for this specific part number?
    • ⤷ How does a metal plate resistor differ from a thin-film resistor in terms of noise?
    • ⤷ Can you provide a PCB footprint recommendation for a 2512 current sense resistor?