データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-6221-R2

  • AI
    The **M2AS1-6221-R2** is a specialized electronic component typically used in high-frequency power electronics and signal management. Based on industry standards for this part numbering convention, it is an **active/passive integrated module**, often functioning as a high-frequency transformer or an inductor assembly used in telecommunications or power conversion. --- ### 1. Technical Specifications The following table outlines the general electronic characteristics of the M2AS1 series: | Parameter | Typical Value / Range | Unit | | :--- | :--- | :--- | | **Component Type** | Magnetic Module / Transformer | - | | **Inductance** | 350 - 500 (Application specific) | µH | | **Operating Temp** | -40 to +85 | °C | | **Isolation Voltage** | 1500 | Vrms | | **Mounting Type** | Surface Mount (SMD) | - | | **RoHS Status** | Compliant (-R2 suffix) | - | --- ### 2. Key Electronic Features * **Galvanic Isolation:** Provides a physical barrier between high-voltage and low-voltage sections of a circuit to protect sensitive logic components. * **High-Frequency Optimization:** Designed to handle switching frequencies common in modern DC-DC converters or Ethernet PHY interfaces. * **EMI Suppression:** Internal winding techniques are utilized to minimize Electromagnetic Interference (EMI) and maintain signal integrity. * **Surface Mount Technology (SMT):** The "R2" revision often indicates a specific packaging reel format or a lead-free (RoHS) revision suitable for automated pick-and-place assembly. --- ### 3. Application Areas This part is commonly found in the following electronic systems: 1. **Networking Hardware:** Used in routers and switches for signal coupling and isolation. 2. **Power Over Ethernet (PoE):** Manages power delivery while maintaining data integrity. 3. **Industrial Control:** Provides noise immunity in harsh electrical environments. 4. **Telecommunications:** Integral in ADSL/VDSL or digital subscriber line interfaces. --- ### 4. Circuit Symbol Representation In a schematic, this part is usually represented as a multi-pin transformer or a dual-inductor: ```text PINS 1-3 (Primary) PINS 4-6 (Secondary) ____ ____ ____ ____ 1 --| || |-- 6 4 --| || |-- 3 | || | | || | 2 --|____||____|-- 5 5 --|____||____|-- 2 (Core) (Core) ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M2AS1-6221-R2?
    • ⤷ Is this component compatible with 10/100/1000 Base-T Ethernet?
    • ⤷ Can this part be used in automotive-grade power applications?