データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-6224-R

  • AI
    The **M2AS1-6224-R** is a specific electronic component typically categorized as a **Modular Jack (RJ45)**, often integrated with internal magnetics (commonly known as a **MagJack**). These components are essential for Ethernet connectivity in networking hardware. --- ## Technical Specifications Overview Based on the standard parameters for this series of integrated connectors, here are the core electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Connector Type** | RJ45 Integrated Connector | | **Speed / Performance** | 10/100 Base-T (Fast Ethernet) | | **Number of Ports** | 1 Port (Single) | | **Tab Direction** | Tab-UP | | **Mounting Type** | Through-Hole (THT) / Right Angle | | **LED Configuration** | Typically Yellow (Left) / Green (Right) | | **Shielding** | Metal Shield with EMI Tabs | --- ## Key Electronic Components Internal to the Part The "M2AS" series typically integrates passive electronic components inside the metal housing to save PCB space and improve signal integrity: ### 1. Isolation Transformer * **Function:** Provides electrical isolation between the Ethernet cable and the PHY (Physical Layer) chip. * **Protection:** Protects the sensitive circuitry from high-voltage spikes on the network line (typically rated for 1500Vrms). ### 2. Common Mode Chokes * **Function:** Used for EMI (Electromagnetic Interference) suppression. * **Benefit:** Reduces noise generated by the high-speed data differential pairs, ensuring compliance with FCC and CE emissions standards. ### 3. Integrated LEDs * **Function:** Visual diagnostic indicators. * **Electronics:** Requires a series resistor (usually located on the host PCB) to limit current to the internal diodes. ### 4. Termination Resistors (Bob Smith Termination) * **Function:** Matches the characteristic impedance of the twisted pair cables. * **Effect:** Helps dissipate common-mode energy to ground via a high-voltage capacitor. --- ## Physical Layout and Pinout The part features two sets of pins: 1. **Signal/Magnetic Pins:** Connect to the Ethernet PHY chip on the motherboard. 2. **LED Pins:** Control the status lights. 3. **Shield Tabs:** Connected to Chassis Ground for ESD (Electrostatic Discharge) protection. ---
    ✨ Follow-up Questions
    • ⤷What is the typical pinout for the M2AS series RJ45 connectors?
    • ⤷ Can this part be used for Gigabit Ethernet (1000 Base-T)?
    • ⤷ What are the recommended soldering profiles for this specific part?