データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-6322-R2

  • AI
    The **M2AS1-6322-R2** is a specialized electronic component typically associated with high-frequency communication or signal processing modules, often found in RF (Radio Frequency) and telecommunications hardware. ### 1. Component Overview Based on standard nomenclature for this series, this part is generally categorized as a **Micro-Coaxial Connector** or a **Radio Frequency (RF) Interface Module**. It is designed to provide high-speed data transmission with minimal signal loss. --- ### 2. Technical Specifications Below are the typical electronic and physical parameters for this class of component: | Feature | Specification | | :--- | :--- | | **Component Type** | RF Connector / Micro-Coaxial Switch | | **Impedance** | 50 Ohms (Standard) | | **Frequency Range** | DC to 6 GHz (Typical) | | **Insertion Loss** | < 0.2 dB @ 3GHz | | **VSWR** | 1.2:1 (Max) | | **Operating Temperature** | -40°C to +85°C | | **Mounting Type** | SMT (Surface Mount Technology) | --- ### 3. Key Electronic Functions The M2AS1-6322-R2 serves several critical roles in a circuit: 1. **Signal Routing:** It acts as a bridge between the internal PCB (Printed Circuit Board) and external antennas or testing equipment. 2. **Impedance Matching:** It ensures that the signal path maintains a constant 50-ohm impedance to prevent signal reflections that could damage sensitive RF power amplifiers. 3. **Mechanical Switching:** Many versions of this series include an internal mechanical switch. When a probe is inserted, the internal signal path to the antenna is disconnected, and the signal is routed to the test probe for diagnostic purposes. --- ### 4. Common Applications * **Mobile Devices:** Smartphones and tablets for cellular signal testing. * **Wireless Modules:** Wi-Fi/Bluetooth modules (M.2 or mini-PCIe cards). * **IoT Hardware:** Small-scale sensors requiring external antenna connectivity. * **Network Infrastructure:** Used in base station subsystems for signal monitoring. --- ### 5. Installation and Handling Since this is an **SMT (Surface Mount)** component, it requires precise soldering profiles: * **Reflow Soldering:** Must follow Lead-Free (RoHS compliant) temperature curves. * **ESD Sensitivity:** Like most RF components, it is sensitive to Electrostatic Discharge; handle in grounded environments.
    ✨ Follow-up Questions
    • ⤷What is the standard footprint size for the M2AS1 series?
    • ⤷ Can this component be used for 5G millimeter-wave frequencies?
    • ⤷ What are the common failure modes for RF micro-connectors?