データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-6322-R2/N

  • AI
    The **M2AS1-6322-R2/N** is a specific part number typically associated with high-performance **M.2 SSD (Solid State Drive) carrier cards** or **adapter modules**, often used in server and storage networking environments (such as those from AIC or specialized industrial PC manufacturers). Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Technical Specifications | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 to PCIe Adapter / Carrier Card | | **Interface** | PCIe Gen 3 or Gen 4 (Backward compatible) | | **Slot Support** | Supports M.2 M-Key (NVMe) | | **Size Support** | Typically supports 2242, 2260, 2280, and 22110 lengths | | **Power Input** | Derived from PCIe Slot (12V) converted to 3.3V | --- ### 2. Key Electronic Subsystems The board functions as a bridge between the M.2 storage media and the host system. Its circuitry includes: #### A. Power Management (VRM) Because M.2 NVMe drives require a stable **3.3V** supply and PCIe slots provide **12V**, the board contains: * **Step-down Buck Regulators:** Converts 12V to 3.3V efficiently. * **Filtering Capacitors:** Large electrolytic or tantalum capacitors to smooth voltage ripples and prevent data corruption during power spikes. #### B. Signal Integrity & PCIe Lane Routing * **Differential Pairs:** High-speed traces designed with specific impedance (usually 85-100 ohms) to maintain signal integrity for PCIe data. * **Clock Buffers:** Ensures the reference clock (RefClk) reaches the SSD without jitter. #### C. Safety and Monitoring * **eFuse / Current Limiters:** Protects the motherboard from shorts if the SSD fails. * **LED Indicators:** * *Green/Blue:* Power Status. * *Amber/Blinking:* Data Activity (IO). --- ### 3. Physical Layout Components 1. **M.2 Connector:** A high-density 75-pin connector (M-Key). 2. **Mounting Standoffs:** Adjustable points to secure different lengths of SSDs. 3. **Gold Fingers:** The PCIe x4 or x8 edge connector that plugs into the motherboard. 4. **Heat Dissipation:** Often includes thermal pads or a copper-weighted PCB layer to act as a heatsink. --- ### 4. Typical Use Cases * **Enterprise Servers:** Adding high-speed boot drives to 1U/2U servers. * **Workstations:** Expanding NVMe storage in systems lacking onboard M.2 slots. * **Industrial Computing:** Reliable storage interfacing in rugged environments.
    ✨ Follow-up Questions
    • ⤷ What is the maximum PCIe bandwidth supported by the R2/N revision?
    • ⤷ Does this module support SATA-based M.2 drives or only NVMe?
    • ⤷ Are there specific firmware requirements for the host motherboard to recognize this card?