データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-6344-R2/CE

  • AI
    The **M2AS1-6344-R2/CE** is a high-performance **PCI Express (PCIe) to M.2 (NGFF) Adapter Card**, typically used in industrial computing, embedded systems, and server environments to bridge different hardware interfaces. ### 1. Key Technical Specifications The device acts as a physical and electrical bridge, allowing M.2 modules (like SSDs or AI accelerators) to interface with standard PCIe slots. | Feature | Specification | | :--- | :--- | | **Interface (Host)** | PCIe x4 (Gen 3.0 or 4.0 compatible) | | **Interface (Device)** | M.2 Key M (Socket 3) | | **Form Factors Supported** | 2242, 2260, 2280, 22110 | | **Power Management** | Integrated Voltage Regulators (3.3V) | | **Operating Temperature** | Commercial/Industrial grade (-40°C to +85°C variant dependent) | --- ### 2. Main Electronic Components The board consists of several critical sub-circuits to ensure data integrity and power stability: #### A. Power Regulation (Buck/LDO) Standard PCIe slots provide 12V and 3.3V. However, high-performance M.2 NVMe drives require significant current on the **3.3V rail**. The adapter often includes: * **DC-to-DC Converters:** To step down or stabilize voltage under heavy load. * **Decoupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) placed near the M.2 connector to filter high-frequency noise. #### B. Signal Integrity Components Because PCIe operates at high frequencies (8GT/s for Gen 3), the PCB design includes: * **Differential Pair Routing:** Traces are matched in length and impedance (typically 85-100 ohms) to prevent data corruption. * **ESD Protection:** Diodes to protect the motherboard from static discharge during installation. #### C. Connectivity & Mechanics * **Gold Fingers:** The PCIe edge connector is plated with hard gold for durability and low contact resistance. * **M.2 Connector:** A high-quality Socket 3 connector designed for hundreds of insertion cycles. * **LED Indicators:** SMT (Surface Mount) LEDs to show "Power" and "Activity" status. --- ### 3. Functional Application This part is commonly used in the following scenarios: 1. **Storage Expansion:** Adding NVMe SSDs to legacy servers lacking native M.2 slots. 2. **AI Acceleration:** Hosting M.2 AI modules (like Google Coral or Intel Movidius) in standard PC chassis. 3. **Testing/Validation:** Providing a stable platform for debugging M.2 peripheral hardware. ---
    ✨ Follow-up Questions
    • ⤷ Does this adapter support NVMe and SATA M.2 drives simultaneously?
    • ⤷ What are the specific power limitations for the 3.3V rail on this model?
    • ⤷ Is a heatsink required for the electronic components on this specific R2/CE revision?