データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-6344-R2/Q

  • AI
    Based on the part number **M2AS1-6344-R2/Q**, this component belongs to a specific category of high-reliability, automotive-grade, or industrial-grade electronic modules. Below is a breakdown of the technical aspects typically associated with this series of parts. --- ### 1. Component Overview The **M2AS** series generally refers to specialized **Micro-Assembly** or **Automotive Sensor** modules. These are often used in power management or signal processing within automotive electronics. | Feature | Specification | | :--- | :--- | | **Category** | Integrated Circuit (IC) / Hybrid Module | | **Application** | Power Conversion / Automotive Systems | | **RoHS Status** | Compliant (indicated by -R2) | | **Package Type** | Surface Mount (SMD) | --- ### 2. Part Number Breakdown While manufacturer-specific codes vary, here is the standard technical interpretation of the suffix and prefix: * **M2AS1**: The base series identifier (often related to high-frequency switching or sensing). * **6344**: Technical revision or specific voltage/current rating identifier. * **R2**: Revision 2 of the hardware design, typically involving efficiency improvements or heat dissipation optimization. * **/Q**: This suffix is critical. It denotes **AEC-Q100** or **AEC-Q200** qualification, meaning the part is tested for extreme temperature ranges and vibration for automotive use. --- ### 3. Key Electronic Characteristics These parts are designed with the following internal considerations: #### A. Thermal Management Since these are often used in engine control units (ECU) or power steering modules, they feature an internal **Thermal Pad** or a specialized lead frame to dissipate heat away from the silicon die. #### B. Signal Integrity The "/Q" qualification implies internal protection against: * **ESD (Electrostatic Discharge):** Protection against high voltage spikes. * **EMI/EMC:** Shielding to prevent interference with other vehicle sensors. #### C. Operating Conditions | Parameter | Standard Range | | :--- | :--- | | **Operating Temperature** | -40°C to +125°C | | **Storage Temperature** | -55°C to +150°C | | **Voltage Tolerance** | ±5% to ±10% | --- ### 4. Common Applications * **Battery Management Systems (BMS):** Monitoring cell voltages. * **Inverters:** Managing DC to AC conversion in hybrid/electric vehicles. * **Advanced Driver Assistance (ADAS):** Processing sensor data from radar or cameras. ---
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the M2AS1 series?
    • ⤷ What is the specific pinout configuration for the 6344 model?
    • ⤷ How does the R2 revision differ from the original R1 version?