データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-6344-R2SLASHCE

  • AI
    The part number **M2AS1-6344-R2/CE** typically refers to a specialized industrial electronic component, most commonly associated with **rotary encoders** or **servo motor feedback systems** (often found in the context of Sanyo Denki or similar high-precision motion control brands). Below is a breakdown of the electronic and mechanical characteristics of this class of components. --- ### 1. Component Overview The "M2AS" series generally belongs to the category of **Absolute Encoders**. These are used to provide the precise position of a motor shaft even after a power cycle, eliminating the need for a "homing" sequence. | Feature | Specification Details | | :--- | :--- | | **Type** | Absolute Rotary Encoder | | **Interface** | Serial Communication (e.g., BiSS, SSI, or proprietary) | | **Resolution** | Typically 17-bit to 23-bit (High precision) | | **Power Supply** | Usually 5V DC | | **Application** | AC Servo Motors, Robotics, CNC Machinery | --- ### 2. Breakdown of the Part Number While specific manufacturer codes can vary slightly, the string follows this logic: * **M2AS1**: The base series designation, indicating a multi-turn absolute encoder architecture. * **6344**: Specific internal configuration regarding the disc pattern, number of pulses per revolution, or gear ratio for multi-turn tracking. * **R2**: Revision code or physical mounting/connector style (usually denotes a specific wiring harness or radial exit). * **CE**: Certification mark, indicating the part meets European safety, health, and environmental protection requirements. --- ### 3. Key Electronic Sub-Systems Inside this component, several critical electronic blocks work together: #### A. Optical/Magnetic Sensing The "brain" of the unit uses either an LED/Photodiode array (Optical) or a Hall-effect sensor (Magnetic) to detect the position of a coded disc. #### B. Signal Processing ASIC A dedicated Integrated Circuit (ASIC) converts the raw analog signals from the sensors into a high-speed digital stream. This chip handles: * **Interpolation:** Increasing resolution beyond the physical lines on the disc. * **Error Correction:** Monitoring for signal degradation or disc contamination. #### C. Battery Backup / Multi-turn Memory Because it is an "Absolute" encoder, it contains a counter circuit that tracks how many full rotations the motor has made. This is often supported by an external battery or an internal capacitor to retain memory when the main machine power is off. --- ### 4. Connection and Wiring These units typically use a high-density connector. Common pinouts include: 1. **Vcc/GND**: Power input (5V). 2. **Data+ / Data-**: Differential serial output for noise immunity. 3. **Clock+ / Clock-**: Differential input to synchronize data transfer with the Servo Drive. 4. **Battery +/-**: Connection for the multi-turn memory backup. ---
    ✨ Follow-up Questions
    • ⤷ Is this encoder part of a specific Sanyo Denki or Yaskawa motor assembly?
    • ⤷ What are the common symptoms of a failure in an M2AS series encoder?
    • ⤷ How do I test the serial output signals of this encoder using an oscilloscope?