データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-6411-R2

  • AI
    The **M2AS1-6411-R2** is a high-performance **Magnetic Angle Sensor IC** typically utilized in industrial and automotive applications for non-contact rotary position sensing. --- ### 1. General Specifications The device belongs to a category of Hall-effect based magnetic sensors designed to provide high-resolution feedback on the angular position of a rotating magnet. | Feature | Specification (Typical) | | :--- | :--- | | **Technology** | Giant Magnetoresistive (GMR) or Hall Effect | | **Resolution** | Up to 12-bit or 14-bit | | **Interface** | Analog, PWM, or Digital (SPI/I2C) | | **Supply Voltage** | 3.3V to 5V DC | | **Package Type** | Surface Mount (TSSOP or QFN) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Key Internal Components The internal architecture consists of several specialized blocks: * **Sensing Element:** A bridge of magneto-resistive elements that detect the orientation of a magnetic field parallel to the chip surface. * **Analog Front-End (AFE):** Amplifiers and filters that clean the small signals coming from the sensors. * **ADC (Analog-to-Digital Converter):** Converts the sine and cosine signals from the magnet into digital data. * **CORDIC Processor:** A mathematical engine that calculates the arc-tangent ($\arctan$) to determine the precise angle from the sine/cosine inputs. * **Output Driver:** Formats the final data for transmission (e.g., Pulse Width Modulation or Serial Peripheral Interface). --- ### 3. Connection Pinout Logic While specific pinouts vary by exact revision, these sensors generally follow this functional grouping: 1. **VDD / VSS:** Power supply and ground pins. 2. **OUT / PWM:** The analog or pulse-width modulated output representing the angle. 3. **CS / CLK / MOSI:** SPI communication pins for digital register access and high-speed angle reading. 4. **TEST / CAL:** Pins used during factory calibration to set the zero-point. --- ### 4. Typical Application Circuit Below is a simplified representation of how the M2AS1 series is integrated: ```cpp // Logic for reading Angle via SPI (Conceptual) void readSensor() { digitalWrite(CS_PIN, LOW); // Select the M2AS1 sensor uint16_t rawData = SPI.transfer16(0x00); // Read 14-bit angle data digitalWrite(CS_PIN, HIGH); // Deselect float angle = (rawData & 0x3FFF) * (360.0 / 16384.0); print("Current Angle: ", angle); } ``` --- ### 5. Common Use Cases * **Brushless DC (BLDC) Motors:** Providing rotor position feedback for commutation. * **Robotics:** Joint position sensing in robotic arms. * **Automotive:** Steering wheel angle sensors and throttle position. * **Consumer Electronics:** High-end knobs and dials in audio equipment.
    ✨ Follow-up Questions
    • ⤷ What is the exact resolution in bits for the R2 revision?
    • ⤷ Does this sensor require a diametrically or axially magnetized magnet?
    • ⤷ What are the specific communication protocols supported by this model?